Electronic Components Datasheet Search
  English  ▼

X  

SLA6820MH Datasheet(PDF) 12 Page - Sanken electric

Part # SLA6820MH
Description  250 V to 600 V, 1.5 A to 2.5 A High Voltage 3-phase Motor Driver ICs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA6820MH Datasheet(HTML) 12 Page - Sanken electric

Back Button SLA6820MH Datasheet HTML 8Page - Sanken electric SLA6820MH Datasheet HTML 9Page - Sanken electric SLA6820MH Datasheet HTML 10Page - Sanken electric SLA6820MH Datasheet HTML 11Page - Sanken electric SLA6820MH Datasheet HTML 12Page - Sanken electric SLA6820MH Datasheet HTML 13Page - Sanken electric SLA6820MH Datasheet HTML 14Page - Sanken electric SLA6820MH Datasheet HTML 15Page - Sanken electric SLA6820MH Datasheet HTML 16Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
SLA/SMA6820MH Series
SLA/SMA6820MH-DSE Rev.2.0
SANKEN ELECTRIC CO., LTD.
12
Dec. 12, 2016
http://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2013
7.
Typical Application
Capacitors should be place near the IC. If the circuit noise is large, connect the noise reduction ceramic capacitor to
the electrolytic capacitor in parallel.
Pull down resistance (about 100
kΩ) is built-in the HINx pin and the LINx pin. If the unstable signal or noisy signal
may be input, connect the resistor in external to the HINx pin and the LINx pin.
VREG
VCC1
VB1
VB3
W2
U
VCC2
COM2
LIN1
LIN2
LIN3
FO
COM1
HIN1
HIN2
HIN3
W1
V
VBB2
LS2
17
VB2
RS
VCC
CBOOT1
CBOOT3
CBOOT2
M
CDC
CSB
VDC
MIC
23
22
21
20
19
18
16
9
8
7
6
5
4
12
13
11
1
24
15
14
HIN1
HIN2
HIN3
LIN1
LIN2
LIN3
Fault
GND
2
LS1
CFO
5V
RFO
VD 3
VBB1
10
Figure 7-1.
Typical Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com