Electronic Components Datasheet Search
  English  ▼

X  

SLA6820MH Datasheet(PDF) 17 Page - Sanken electric

Part # SLA6820MH
Description  250 V to 600 V, 1.5 A to 2.5 A High Voltage 3-phase Motor Driver ICs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA6820MH Datasheet(HTML) 17 Page - Sanken electric

Back Button SLA6820MH Datasheet HTML 10Page - Sanken electric SLA6820MH Datasheet HTML 11Page - Sanken electric SLA6820MH Datasheet HTML 12Page - Sanken electric SLA6820MH Datasheet HTML 13Page - Sanken electric SLA6820MH Datasheet HTML 14Page - Sanken electric SLA6820MH Datasheet HTML 15Page - Sanken electric SLA6820MH Datasheet HTML 16Page - Sanken electric SLA6820MH Datasheet HTML 17Page - Sanken electric SLA6820MH Datasheet HTML 18Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
SLA/SMA6820MH Series
SLA/SMA6820MH-DSE Rev.2.0
SANKEN ELECTRIC CO., LTD.
17
Dec. 12, 2016
http://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2013
10. Marking Diagrams
10.1. ZIP24 (Full Molded Type)
The marking diagrams of ZIP24 package is either in follows:
Part Number
S M A 6 8 2 x M H
JAPAN YMDDX
Lot Number:
Y is the last digit of the year of manufacture (0 to 9)
M is the month of the year (1 to 9, O, N, or D)
DD is the day of the month (01 to 31)
X is the control number
1
24
Part Number
S M A 6 8 2 x M H
YMDDXXXX
Lot Number:
Y is the last digit of the year of manufacture (0 to 9)
M is the month of the year (1 to 9, O, N, or D)
DD is the day of the month (01 to 31)
XXXX is the control number
1
24
10.2. ZIP24 (Heatsink Type)
Part Number
S L A 6 8 x x M Z
Y M D D X
Lot Number:
Y is the last digit of the year of manufacture (0 to 9)
M is the month of the year (1 to 9, O, N, or D)
DD is the day of the month (01 to 31)
X is the control number
JAPAN
1
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com