Electronic Components Datasheet Search
  English  ▼

X  

SSC2001S Datasheet(PDF) 4 Page - Sanken electric

Part # SSC2001S
Description  Power Factor Correction Continuous Conduction Mode Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SSC2001S Datasheet(HTML) 4 Page - Sanken electric

  SSC2001S Datasheet HTML 1Page - Sanken electric SSC2001S Datasheet HTML 2Page - Sanken electric SSC2001S Datasheet HTML 3Page - Sanken electric SSC2001S Datasheet HTML 4Page - Sanken electric SSC2001S Datasheet HTML 5Page - Sanken electric SSC2001S Datasheet HTML 6Page - Sanken electric SSC2001S Datasheet HTML 7Page - Sanken electric SSC2001S Datasheet HTML 8Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
SANKEN ELECTRIC CO., LTD.
Power Factor Correction
Continuous Conduction Mode Controller
SSC2001S
July 27, 2012
SSC2001S-DS
Voltage Loop
Error Amplifier Reference Voltage
VFB(REF)
IVCOMP = 0 μA6−1
3.4
3.5
3.6
V
Error Amplifier Transconductance
Gain
gmEA
−
45
60
75
μs
Error Amplifier Maximum Source
Current
IVCOMP(SO)
5−1
−38
−30
−21
μA
Error Amplifier Maximum Sink Current
IVCOMP(SK)
5−1
213038
μA
VFB Pin High Speed Load Response
Operation Enable Voltage*
VFB(HSR)ENABLE
6−1
−
3.4
−
V
VFB Pin High Speed Load Response
Operation Start Voltage
VFB(HSR)ACTIVE
6−1
3.24
3.325
3.41
V
VCOMP Pin High Speed Load
Response Source Current
IVCOMP(SOHSR)
5−1
−127
−100
−72
μA
VFB Pin Input Bias Current
IFB(BIAS)
6−1
−−
1
μA
VCOMP Pin Output Open Loop
Detection Threshold Voltage
VVCOMP(OLD) VFB = 0.5 V
5−1
0.60
1.03
1.40
V
Drive Circuit
GATE Pin Voltage (Low)
VGATE(L)
IGATE = −20 mA
8−1
−−
0.4
V
GATE Pin Voltage (High)
VGATE(H)
VCC = 11 V
8−1
−
10.5
−
V
GATE Pin Rise Time
tr
8−1
−
100
−
ns
GATE Pin Fall Time
tf
8−1
−
50
−
ns
GATE Pin Peak Source Current*
IGATE(SO)
8−1
−−0.5
−
A
GATE Pin Peak Sink Current*
IGATE(SK)
8−1
−
1.0
−
A
Thermal Characteristics
Thermal Resistance from Junction to
Frame
RθJ-F
The frame temperature, TF, is
specified by using the temperature
at the base of pin 1.
−−
65
85
°C/W
*Determined by design, not tested in production.
Electrical Characteristics (continued) Unless specifically noted, TA is 25°C, VCC = 15 V
Characteristic
Symbol
Test Conditions
Pins
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com