Electronic Components Datasheet Search
  English  ▼

X  

SSC2001S Datasheet(PDF) 7 Page - Sanken electric

Part # SSC2001S
Description  Power Factor Correction Continuous Conduction Mode Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SSC2001S Datasheet(HTML) 7 Page - Sanken electric

  SSC2001S Datasheet HTML 1Page - Sanken electric SSC2001S Datasheet HTML 2Page - Sanken electric SSC2001S Datasheet HTML 3Page - Sanken electric SSC2001S Datasheet HTML 4Page - Sanken electric SSC2001S Datasheet HTML 5Page - Sanken electric SSC2001S Datasheet HTML 6Page - Sanken electric SSC2001S Datasheet HTML 7Page - Sanken electric SSC2001S Datasheet HTML 8Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
SANKEN ELECTRIC CO., LTD.
Power Factor Correction
Continuous Conduction Mode Controller
SSC2001S
July 27, 2012
SSC2001S-DS
Because reliability can be affected adversely by improper
storage environments and handling methods, please observe
the following cautions.
Cautions for Storage
•
Ensure that storage conditions comply with the standard
temperature (5°C to 35°C) and the standard relative
humidity (around 40% to 75%); avoid storage locations
that experience extreme changes in temperature or
humidity.
•
Avoid locations where dust or harmful gases are present
and avoid direct sunlight.
•
Reinspect for rust on leads and solderability of the
products that have been stored for a long time.
Cautions for Testing and Handling
When tests are carried out during inspection testing and
other standard test periods, protect the products from
power surges from the testing device, shorts between
the product pins, and wrong connections. Ensure all test
parameters are within the ratings specified by Sanken for
the products.
Soldering
When soldering the products, please be sure to minimize
the working time, within the following limits:
260 ± 5°C 10±1 s
(Flow, 2 times)
380±10°C 3.5±0.5 s (Soldering iron, 1 time)
Electrostatic Discharge
•
When handling the products, the operator must be
grounded. Grounded wrist straps worn should have at
least 1 MΩ of resistance from the operator to ground to
prevent shock hazard, and it should be placed near the
operator.
•
Workbenches where the products are handled should be
grounded and be provided with conductive table and floor
mats.
•
When using measuring equipment such as a curve tracer,
the equipment should be grounded.
•
When soldering the products, the head of soldering irons
or the solder bath must be grounded in order to prevent
leak voltages generated by them from being applied to the
products.
•
The products should always be stored and transported in
Sanken shipping containers or conductive containers, or
be wrapped in aluminum foil.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com