Electronic Components Datasheet Search
  English  ▼

X  

SSC2001S Datasheet(PDF) 1 Page - Sanken electric

Part # SSC2001S
Description  Power Factor Correction Continuous Conduction Mode Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SSC2001S Datasheet(HTML) 1 Page - Sanken electric

  SSC2001S Datasheet HTML 1Page - Sanken electric SSC2001S Datasheet HTML 2Page - Sanken electric SSC2001S Datasheet HTML 3Page - Sanken electric SSC2001S Datasheet HTML 4Page - Sanken electric SSC2001S Datasheet HTML 5Page - Sanken electric SSC2001S Datasheet HTML 6Page - Sanken electric SSC2001S Datasheet HTML 7Page - Sanken electric SSC2001S Datasheet HTML 8Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SANKEN ELECTRIC CO., LTD.
http://www.sanken-ele.co.jp/en/
Description
The SSC2001S is a continuous conduction mode (CCM)
control IC for power factor correction (PFC). The IC allows
the realization of high-power output and high-efficiency
power management systems, which require few external
components because of the built-in average current control
system.
Features and Benefits
• Continuous conduction mode (CCM) system: low peak
current and suitability for high power applications
• Average current control system: no multiplier and few
external components allows simple circuit configuration
because no input voltage detection required
• PWM and frequency modulation functions: PWM
operation frequency fixed at 65 kHz (typ) with
superimposed variable frequency according to duty cycle
• Maximum duty cycle 94% (typ)
• Error amplifier reference voltage 3.5 V (typ)
• Built-in high speed load response (HSR) function
• Brown-in/brown-out protection function: protects the
power supply at low input voltages
Power Factor Correction
Continuous Conduction Mode Controller
Typical Application Diagram
Package: 8-pin SOP
Not to scale
Continued on the next page…
SSC2001S
July 27, 2012
SSC2001S-DS
Applications:
Power factor correction of middle to high power for electronic
devices such as:
• AC/DC power supplies
• Digital appliances for large size LCD/PDP television and
so forth
• Office automation (OA) equipment for computer, server,
monitor, and so forth
• Communication facilities
VAC
EN
C1
R1
R6
GND
VOUT
R7
C7
C6
R5
C5
C8
C2
D2
R9
R8
Q1
L1
D1
R2
R3
R4
C4
C3
1 GND
2 ICOMP
3 IS
4 VINS
8 GATE
7 VCC
6 VFB
5 VCOMP
SSC2001S
U1
External power
supply
DZ1
Input
Filter


Similar Part No. - SSC2001S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSC200 ETC-SSC200 Datasheet
22Kb / 2P
Enclosure Management Controller Product Brief
logo
Sanken electric
SSC2000 SANKEN-SSC2000 Datasheet
85Kb / 2P
Power Factor Correction (PFC) Controller IC of Continuous Conduction Mode (CCM) type
SSC2005SC SANKEN-SSC2005SC Datasheet
489Kb / 19P
Critical Conduction Mode PFC Control IC
SSC2006SA SANKEN-SSC2006SA Datasheet
556Kb / 23P
Critical Conduction Mode PFC Control IC
More results

Similar Description - SSC2001S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE1PCS01 INFINEON-ICE1PCS01 Datasheet
849Kb / 18P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
V 1.1, 28 May 2003
ICE2PCS01 INFINEON-ICE2PCS01 Datasheet
539Kb / 19P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.2, 09 Oct 2007
ICE2PCS02 INFINEON-ICE2PCS02 Datasheet
513Kb / 19P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
2007-10-09 V2.2
ICE1PCS01 INFINEON-ICE1PCS01_07 Datasheet
458Kb / 18P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
V1.3, 06 Feb 2007
ICE1PCS02 INFINEON-ICE1PCS02_07 Datasheet
446Kb / 18P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
V1.2, 06 Feb 2007
ICE2PCS05 INFINEON-ICE2PCS05 Datasheet
541Kb / 22P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 1.0, 09 Oct 2008
ICE3PCS01G INFINEON-ICE3PCS01G Datasheet
537Kb / 24P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.0, 5 May 2010
ICE3PCS03G INFINEON-ICE3PCS03G Datasheet
461Kb / 20P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.0, 5 May 2010
ICE2PCS01 INFINEON-ICE2PCS01_11 Datasheet
464Kb / 20P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode(CCM)
Version 2.3, 22 March 2010
ICE2PCS05 INFINEON-ICE2PCS05_10 Datasheet
500Kb / 20P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode
Version 1.2, 22 Mar 2010
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com