Electronic Components Datasheet Search
  English  ▼

X  

AD9548BCPZ Datasheet(PDF) 46 Page - Analog Devices

Part # AD9548BCPZ
Description  Quad/Octal Input Network Clock Generator/Synchronizer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9548BCPZ Datasheet(HTML) 46 Page - Analog Devices

Back Button AD9548BCPZ Datasheet HTML 42Page - Analog Devices AD9548BCPZ Datasheet HTML 43Page - Analog Devices AD9548BCPZ Datasheet HTML 44Page - Analog Devices AD9548BCPZ Datasheet HTML 45Page - Analog Devices AD9548BCPZ Datasheet HTML 46Page - Analog Devices AD9548BCPZ Datasheet HTML 47Page - Analog Devices AD9548BCPZ Datasheet HTML 48Page - Analog Devices AD9548BCPZ Datasheet HTML 49Page - Analog Devices AD9548BCPZ Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 111 page
background image
AD9548
Data Sheet
Typically, when the AD9548 asserts the IRQ pin, the user
interrogates the IRQ monitor register to identify the source of
the interrupt request. After servicing an indicated interrupt, the
user should clear the associated IRQ monitor register bit via the
IRQ clearing register (Address 0x0A04 to Address 0x0A0B).
The bits in the IRQ clearing register have a one-to-one
correspondence with the bits in the IRQ monitor register. Note
that the IRQ clearing register is autoclearing. The IRQ pin
remains asserted until the user clears all of the bits in the IRQ
monitor register that indicate an interrupt.
It is also possible to collectively clear all of the IRQ monitor
register bits by setting the reset all IRQs bit in the reset function
register (Register 0x0A03, Bit 1). Note that this is an
autoclearing bit. Setting this bit results in deassertion of the IRQ
pin. Alternatively, the user can program any of the
multifunction pins to clear all IRQs. This allows the user to
clear all IRQs by means of a hardware pin rather than by a serial
input/output port operation.
Note that the IRQ function detects a state change in the function
that is being monitored. However, if IRQs are cleared (or if they
are enabled for the first time), an IRQ will not be generated for
a pre-existing condition. The state must change after the IRQ is
enabled. For example, if REFA is already invalid before a “REFA
invalid” IRQ is enabled, an IRQ will not be generated.
WATCHDOG TIMER
The watchdog timer is a general-purpose programmable timer.
To set the timeout period, the user writes to the 16-bit
watchdog timer register (Address 0x0211 to Address 0x0212).
A value of 0 in this register disables the timer. A nonzero value
sets the timeout period in milliseconds, giving the watchdog
timer a range of 1 ms to 65.535 sec. The relative accuracy of the
timer is approximately 0.1% with an uncertainty of 0.5 ms.
If enabled, the timer runs continuously and generates a timeout
event whenever the timeout period expires. The user has access
to the watchdog timer status via the IRQ mechanism and the
multifunction pins (M0 to M7). In the case of the multifunction
pins, the timeout event of the watchdog timer is a pulse that
lasts 32 system clock periods.
There are two ways to reset the watchdog timer (thereby
preventing it from causing a timeout event). The first is by
writing a Logic 1 to the autoclearing reset watchdog bit in the
reset function register (Register 0x0A03, Bit 0). Alternatively,
the user can program any of the multifunction pins to reset the
watchdog timer. This allows the user to reset the timer by
means of a hardware pin rather than by a serial input/output port
operation.
EEPROM
EEPROM Overview
The AD9548 contains an integrated 2048-byte, electronically
erasable, programmable read-only memory (EEPROM). The
AD9548 can be configured to perform a download at power-up
via the multifunction pins (M3 to M7), but uploads and
downloads can also be done on demand via the EEPROM
control register (Address 0x0E00 to Address 0x0E03).
The EEPROM provides the ability to upload and download
configuration settings to and from the register map. Figure 51
shows a functional diagram of the EEPROM.
Register 0x0E10 to Register 0x0E3F represent a 48-byte scratch
pad that enables the user to store a sequence of instructions for
transferring data to the EEPROM from the device settings
portion of the register map. Note that the default values for
these registers provide a sample sequence for saving/retrieving
all of the AD9548 EEPROM-accessible registers. Figure 51
shows the connectivity between the EEPROM and the controller
that manages data transfer between the EEPROM and the
register map.
The controller oversees the process of transferring EEPROM data
to and from the register map. There are two modes of operation
handled by the controller—saving data to the EEPROM (upload
mode) or retrieving data from the EEPROM (download mode).
In either case, the controller relies on a specific instruction set.
EEPROM
(000 TO 7FF)
DATA
EEPROM
ADDRESS
POINTER
M7
M6
M5
M4
M3
REGISTER MAP
DEVICE SETTINGS
(0100 TO 0A10)
SCRATCH PAD
(0E10 TO 0E3F)
SERIAL
INPUT/OUTPUT
PORT
SCRATCH PAD
ADDRESS
POINTER
DEVICE
SETTINGS
ADDRESS
POINTER
EEPROM
CONTROLLER
Figure 51. EEPROM Functional Diagram
Rev. G | Page 46 of 111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com