Electronic Components Datasheet Search
  English  ▼

X  

AD9548BCPZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD9548BCPZ
Description  Quad/Octal Input Network Clock Generator/Synchronizer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9548BCPZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9548BCPZ Datasheet HTML 12Page - Analog Devices AD9548BCPZ Datasheet HTML 13Page - Analog Devices AD9548BCPZ Datasheet HTML 14Page - Analog Devices AD9548BCPZ Datasheet HTML 15Page - Analog Devices AD9548BCPZ Datasheet HTML 16Page - Analog Devices AD9548BCPZ Datasheet HTML 17Page - Analog Devices AD9548BCPZ Datasheet HTML 18Page - Analog Devices AD9548BCPZ Datasheet HTML 19Page - Analog Devices AD9548BCPZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 111 page
background image
AD9548
Data Sheet
Pin No.
Mnemonic
Input/
Output
Pin Type
Description
21, 22
AVDD3
I
Power
3.3 V Analog (DAC) Power Supply.
23, 24
AVDD
I
Power
1.8 V Analog (DAC) Power Supply.
26
CLKINN
I
Differential
input
Clock Distribution Input. In standard operating mode, this pin is connected to the
filtered DACOUTN output. This internally biased input is typically ac-coupled and,
when configured as such, can accept any differential signal whose single-ended
swing is at least 400 mV.
27
CLKINP
I
Differential
input
Clock Distribution Input. In standard operating mode, this pin is connected to the
filtered DACOUTP output.
29
AVDD
I
Power
1.8 V Analog (Input Receiver) Power Supply.
30
OUT_RSET
O
Current set
resistor
Connect an optional 3.12 kΩ resistor from this pin to ground (see the Output
Current Control with an External Resistor section).
31, 37, 38,
44
AVDD3
I
Power
Analog Supply for Output Driver. These pins are normally 3.3 V but can be 1.8 V.
Pin 31 powers Out0x. Pin 37 powers OUT1x. Pin 38 powers OUT2x. Pin 44 powers
OUT3x. Apply power to these pins even if the corresponding outputs (OUT0P/
OUT0N, OUT1P/ OUT1N, OUT2P/ OUT2N, and OUT3P/ OUT3N) are not used. See
the Power Supply Partitions section.
32
OUT0P
O
LVPECL,
LVDS, or
CMOS
Output 0. This output can be configured as LVPECL, LVDS, or single-ended CMOS.
LVPECL and LVDS operation require a 3.3 V output driver power supply. CMOS
operation can be either 1.8 V or 3.3 V, depending on the output driver power
supply.
33
OUT0N
O
LVPECL,
LVDS, or
CMOS
Complementary Output 0. This output can be configured as LVPECL, LVDS, or
single-ended CMOS.
34, 41
AVDD
I
Power
1.8 V Analog (Output Divider) Power Supply.
35
OUT1P
O
LVPECL,
LVDS, or
CMOS
Output 1. This output can be configured as LVPECL, LVDS, or single-ended CMOS.
LVPECL and LVDS operation require a 3.3 V output driver power supply. CMOS
operation can be either 1.8 V or 3.3 V, depending on the output driver power
supply.
36
OUT1N
O
LVPECL,
LVDS, or
CMOS
Complementary Output 1. This output can be configured as LVPECL, LVDS, or
single-ended CMOS.
39
OUT2P
O
LVPECL,
LVDS, or
CMOS
Output 2. This output can be configured as LVPECL, LVDS, or single-ended CMOS.
LVPECL and LVDS operation require a 3.3 V output driver power supply. CMOS
operation can be either 1.8 V or 3.3 V, depending on the output driver power
supply.
40
OUT2N
O
LVPECL,
LVDS, or
CMOS
Complementary Output 2. This output can be configured as LVPECL, LVDS, or
single-ended CMOS.
42
OUT3P
O
LVPECL,
LVDS, or
CMOS
Output 3. This output can be configured as LVPECL, LVDS, or single-ended CMOS.
LVPECL and LVDS operation require a 3.3 V output driver power supply. CMOS
operation can be either 1.8 V or 3.3 V, depending on the output driver power
supply.
43
OUT3N
O
LVPECL,
LVDS, or
CMOS
Complementary Output 3. This output can be configured as LVPECL, LVDS, or
single-ended CMOS.
47
AVDD3
I
Power
3.3 V Analog (System Clock) Power Supply.
48
SYSCLK_VREG
I
System Clock Loop Filter Voltage Regulator. Connect a 0.1 μF capacitor from this
pin to ground. This pin is also the ac ground reference for the integrated SYSCLK
PLL multiplier’s external loop filter (see the SYSCLK PLL Multiplier section).
49
SYSCLK_LF
O
System Clock Multiplier Loop Filter. When using the frequency multiplier to drive
the system clock, an external loop filter can be attached to this pin.
50, 55
AVDD
I
Power
1.8 V Analog (System Clock) Power Supply.
Rev. G | Page 16 of 111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com