Electronic Components Datasheet Search
  English  ▼

X  

HMC856 Datasheet(PDF) 8 Page - Analog Devices

Part # HMC856
Description  28 Gbps, 5-Bit, Digital Time Delay
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC856 Datasheet(HTML) 8 Page - Analog Devices

Back Button HMC856 Datasheet HTML 4Page - Analog Devices HMC856 Datasheet HTML 5Page - Analog Devices HMC856 Datasheet HTML 6Page - Analog Devices HMC856 Datasheet HTML 7Page - Analog Devices HMC856 Datasheet HTML 8Page - Analog Devices HMC856 Datasheet HTML 9Page - Analog Devices HMC856 Datasheet HTML 10Page - Analog Devices HMC856 Datasheet HTML 11Page - Analog Devices HMC856 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
HMC856
Data Sheet
Rev. D | Page 8 of 13
100
80
84
88
82
86
90
92
94
96
98
–3.7
–3.6
–3.5
–3.4
–3.3
–3.2
–3.1
–3.0
–2.9
SUPPLY VOLTAGE (V)
+85°C
+25°C
–40°C
Figure 15. Delay vs. Supply Voltage at Various Temperatures
10
–30
–20
–10
0
–25
–15
–5
5
0
5
10
15
20
25
FREQUENCY (GHz)
Figure 16. Input Return Loss vs. Frequency
(Device Measured on an Evaluation Board with Port Extensions)
5
–35
–30
–20
–10
0
–25
–15
–5
0
5
10
15
20
25
FREQUENCY (GHz)
Figure 17. Output Return Loss vs. Frequency
(Device Measured on an Evaluation Board with Port Extensions)
100
80
84
88
82
86
90
92
94
96
98
–1.2
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
VR (V)
+85°C
+25°C
–40°C
Figure 18. Delay vs. VR at Various Temperatures
100
0
20
40
10
30
50
60
70
80
90
0
4
8
12
16
20
24
28
32
Bx± DIGITAL DELAY SETTING (Bits)
+85°C
+25°C
–40°C
Figure 19. Normalized Delay vs. Bx± Digital Delay Setting
(Device Measured on an Evaluation Board with Port Extensions Normalized
to Minimum Delay, 0 Setting (B4±:B0± = 00000), at its Respective
Temperature)
360
250
270
290
260
280
300
310
320
330
340
350
0
4
8
12
16
20
24
28
32
SETTING (Bits)
+85°C
+25°C
–40°C
Figure 20. Absolute Delay vs. Setting
(Normalized to 0 Setting at its Respective Temperature)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com