Electronic Components Datasheet Search
  English  ▼

X  

HMC856 Datasheet(PDF) 3 Page - Analog Devices

Part # HMC856
Description  28 Gbps, 5-Bit, Digital Time Delay
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC856 Datasheet(HTML) 3 Page - Analog Devices

  HMC856 Datasheet HTML 1Page - Analog Devices HMC856 Datasheet HTML 2Page - Analog Devices HMC856 Datasheet HTML 3Page - Analog Devices HMC856 Datasheet HTML 4Page - Analog Devices HMC856 Datasheet HTML 5Page - Analog Devices HMC856 Datasheet HTML 6Page - Analog Devices HMC856 Datasheet HTML 7Page - Analog Devices HMC856 Datasheet HTML 8Page - Analog Devices HMC856 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Data Sheet
HMC856
Rev. D | Page 3 of 13
SPECIFICATIONS
ELECTRICAL SPECIFICATIONS
TA = 25°C, VEE = −3.3 V, VR = 0 V, unless otherwise noted.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
POWER SUPPLY
Voltage
VEE
−3.7
−3.3
−2.9
V
Current
185
mA
POWER CONSUMPTION
610
mW
MAXIMUM DATA RATE
28
Gbps
INPUT VOLTAGE
CML logic input
Single-Ended
−1.5
+0.5
V
Differential
0.1
2.0
V
OUTPUT
Rise/Fall Time
tR, tF
Differential, 20% to 80%
20/18
ps
Single-Ended Amplitude
565
mV p-p
Differential Amplitude
500
1130
1350
mV p-p
High Voltage
−20
mV
Low Voltage
−585
mV
RETURN LOSS
Frequency <12 GHz
Input
10
dB
Output
10
dB
JITTER
Random
JR
RMS
0.2
ps rms
Deterministic
JD
215 − 1 pseudo random binary sequence (PRBS)
28 Gbps input
<2
ps p-p
VR PIN CURRENT
VR = 0 V
3
mA
VR = 0.4 V
4.25
mA
DELAY
Propagation Delay Data to Data
tPROP
255
ps
Control Range
92
ps
Temperature Variation
TA = 85°C
9
12
ps
TA = −40°C
4
8
ps
Resolution
tPROG_DELAY
3
ps
TIMING DIAGRAM
I±
1
2
3
4
5
6
O±
1
1
2
3
4
80%
80%
20%
20%
5
tPROG_DELAY
tPROP
tF
tR
Figure 2. Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com