Electronic Components Datasheet Search
  English  ▼

X  

HMC856 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC856
Description  28 Gbps, 5-Bit, Digital Time Delay
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC856 Datasheet(HTML) 1 Page - Analog Devices

  HMC856 Datasheet HTML 1Page - Analog Devices HMC856 Datasheet HTML 2Page - Analog Devices HMC856 Datasheet HTML 3Page - Analog Devices HMC856 Datasheet HTML 4Page - Analog Devices HMC856 Datasheet HTML 5Page - Analog Devices HMC856 Datasheet HTML 6Page - Analog Devices HMC856 Datasheet HTML 7Page - Analog Devices HMC856 Datasheet HTML 8Page - Analog Devices HMC856 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
28 Gbps, 5-Bit, Digital Time Delay with
Programmable Output Voltage
Data Sheet
HMC856
Rev. D
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2018 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Differential and single-ended operation
Supports data rates up to 28 Gbps
Fast rise/fall time: 20 ps/18 ps
Low power consumption: 610 mW typical
Programmable differential
Output voltage swing: 500 mV p-p to 1350 mV p-p
Single supply: −3.3 V
5 mm × 5 mm, 32-terminal ceramic leadless chip carrier (LCC)
package: 25 mm2
APPLICATIONS
SONET OC-192
High speed serial logic
Clock and data recovery
Broadband test and measurement equipment
Frequency synthesis
Matched timing
FUNCTIONAL BLOCK DIAGRAM
17
1
50Ω
50Ω
50Ω
50Ω
600Ω
600Ω
600Ω 600Ω
600Ω
3
4
2
GND
I+
I–
GND
5
6
GND
B0+
7
B0–
8
NC
NC
18 B4–
19 B4+
20 GND
21 GND
22 O–
23 O+
24 GND
PACKAGE
BASE
VEE
DELAY
HMC856
Figure 1.
GENERAL DESCRIPTION
The HMC856 is a wideband time delay device with a 5-bit
digital control designed for timing compensation or clock skew
management applications. The time delay provides nearly
100 ps (maximum) of delay range with 3 ps resolution and
supports 28 Gbps data. The monotonic delay is compensated
for stable operation over both power supply and temperature
variation.
All differential inputs to the HMC856 are current mode logic
(CML) and terminated on chip with 50 Ω to the positive supply
ground, GND, and can be ac or dc-coupled. The differential CML
outputs are source terminated to 50 Ω and can also be ac or dc-
coupled. Connect outputs directly to a 50 Ω ground terminated
system or drive devices with CML logic input. The control lines,
B4 to B0, are differential CML inputs terminated with 600 Ω to
the positive rail, which supports lower power control options.
The HMC856 features an output level control pin, VR, that
allows loss compensation or signal level optimization. The
HMC856 operates from a single −3.3 V supply and is available
in a 5 mm × 5 mm LCC package.


Similar Part No. - HMC856

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC856LC5 HITTITE-HMC856LC5 Datasheet
871Kb / 8P
28 Gbps 5-BIT DIGITAL TIME DELAY WITH PROGRAMMABLE OUTPUT VOLTAGE
More results

Similar Description - HMC856

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
PDU15F DATADELAY-PDU15F Datasheet
50Kb / 5P
5-BIT PROGRAMMABLE DELAY LINE
logo
Tyco Electronics
CNT-35-96 MACOM-CNT-35-96 Datasheet
58Kb / 2P
CNT series Multifunction, Digital Time Delay Relay/Counter
logo
Hittite Microwave Corpo...
HMC856LC5 HITTITE-HMC856LC5 Datasheet
871Kb / 8P
28 Gbps 5-BIT DIGITAL TIME DELAY WITH PROGRAMMABLE OUTPUT VOLTAGE
logo
Tyco Electronics
1-1393124-7 MACOM-1-1393124-7 Datasheet
50Kb / 2P
Multifunction, Digital Time Delay Relay/Counter
logo
Cooper Bussmann, Inc.
SS-5-5A-AP COOPER-SS-5-5A-AP Datasheet
531Kb / 3P
Subminiature Fuses SS-5 Series, Time-Delay
SS-5-500MA-BK COOPER-SS-5-500MA-BK Datasheet
531Kb / 3P
Subminiature Fuses SS-5 Series, Time-Delay
logo
Rohm
BD5225G-TR ROHM-BD5225G-TR Datasheet
474Kb / 16P
Free Delay Time Setting Free Delay Time Setting
logo
Cooper Bussmann, Inc.
C519-125-R COOPER-C519-125-R Datasheet
293Kb / 2P
5 x 15mm Time-Delay Glass Tube Fuses
logo
Tyco Electronics
CNT MACOM-CNT Datasheet
58Kb / 2P
Multifunction, Digital Time Delay Relay/Counter
logo
List of Unclassifed Man...
KLU-601 ETC1-KLU-601 Datasheet
643Kb / 4P
time-delay fuses
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com