Electronic Components Datasheet Search
  English  ▼

X  

HMC877LC3 Datasheet(PDF) 3 Page - Analog Devices

Part # HMC877LC3
Description  BROADBAND TIME DELAY & PHASE SHIFTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC877LC3 Datasheet(HTML) 3 Page - Analog Devices

  HMC877LC3 Datasheet HTML 1Page - Analog Devices HMC877LC3 Datasheet HTML 2Page - Analog Devices HMC877LC3 Datasheet HTML 3Page - Analog Devices HMC877LC3 Datasheet HTML 4Page - Analog Devices HMC877LC3 Datasheet HTML 5Page - Analog Devices HMC877LC3 Datasheet HTML 6Page - Analog Devices HMC877LC3 Datasheet HTML 7Page - Analog Devices HMC877LC3 Datasheet HTML 8Page - Analog Devices HMC877LC3 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
3
HMC877LC3
v03.0614
BROADBAND TIME DELAY & PHASE SHIFTER
SMT, 8 - 23 GHz
0.4
0.5
0.6
0.7
0.8
0.9
1
8
9
10 11 12 13 14 15 16 17 18 19 20 21 22 23
+25 C
+85 C
-40 C
FREQUENCY (GHz)
Time Delay vs. Temperature @ VDCP=3.3V
(Relative to VDCP=VCC-0.6V) [1][2][6]
Time Delay vs. Temperature [1][2][3][4]
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
+25 C
+85 C
-40 C
DIFFERENTIAL CONTROL VOLTAGE (V)
0
0.25
0.5
0.75
1
1.25
1.5
8
9
10 11 12 13 14 15 16 17 18 19 20 21 22 23
FREQUENCY (GHz)
Time Delay vs. Control Voltage
@ VDCP=2.7V to 3.9V with 0.1V step [1][2]
[1] VCC = 3.3V
[2] ODWN= 0 V, VDCN=VCC
[3] On the x-axis differential control voltage represents VDCP-VDCN voltage
[4] Input Frequency: 20 GHz
Phase Shift vs. Frequency [1][2][3]
0
50
100
150
200
250
300
350
400
450
500
550
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
10 GHz
12 GHz
20 GHz
22 GHz
DIFFERENTIAL CONTROL VOLTAGE (V)
Phase Shift vs. Bias Voltage [2][3][4]
0
50
100
150
200
250
300
350
400
450
500
550
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
3.135 V
3.3 V
3.465 V
DIFFERENTIAL CONTROL VOLTAGE (V)
Phase Shift vs. Temperature [1][2][3][4]
0
50
100
150
200
250
300
350
400
450
500
550
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
+25 C
+85 C
-40 C
DIFFERENTIAL CONTROL VOLTAGE (V)
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com