Electronic Components Datasheet Search
  English  ▼

X  

HMC877LC3 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC877LC3
Description  BROADBAND TIME DELAY & PHASE SHIFTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC877LC3 Datasheet(HTML) 1 Page - Analog Devices

  HMC877LC3 Datasheet HTML 1Page - Analog Devices HMC877LC3 Datasheet HTML 2Page - Analog Devices HMC877LC3 Datasheet HTML 3Page - Analog Devices HMC877LC3 Datasheet HTML 4Page - Analog Devices HMC877LC3 Datasheet HTML 5Page - Analog Devices HMC877LC3 Datasheet HTML 6Page - Analog Devices HMC877LC3 Datasheet HTML 7Page - Analog Devices HMC877LC3 Datasheet HTML 8Page - Analog Devices HMC877LC3 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
1
HMC877LC3
v03.0614
BROADBAND TIME DELAY & PHASE SHIFTER
SMT, 8 - 23 GHz
General Description
Features
Functional Diagram
The HMC877LC3 is a phase shifter/time delay with
0 to 500°(1.4 UI) continuously adjustable shift/delay
range. The delay control is linearly monotonic with
respect to the differential control voltage (VDCP,
VDCN) and the control input has a modulation band-
width of 2.5 GHz. The device provides a differential
output voltage with constant amplitude for single-
ended or differential input voltages above the input
sensitivity level, while the output voltage swing may be
adjusted using the VAC control pin. The HMC877LC3
features internal temperature compensation and bias
circuitry to minimize delay variations with temperature.
The device also features a delay control voltage range
adjustment pin, LC. All RF input and outputs of the
HMC877LC3 are internally terminated with 50 Ohms
to Vcc, and may either be AC or DC coupled. Output
pins can be connected directly to a 50 Ohm to Vcc
terminated system, while DC blocking capacitors must
be used if the terminated system input is 50 Ohms to a
DC voltage other than Vcc. The HMC877LC3 is avail-
able in ROHS-compliant 3x3 mm SMT package.
Very Wide Bandwidth: 8 - 23 GHz
Continuous Adjustable Delay Range: 500° (1.4 UI[1])
Single-Ended or Differential Operation
Adjustable Differential Output Voltage
Swing: 500 - 950 mVp-p @ 16 GHz
Delay Control Modulation Bandwidth: 2.5 GHz
Single Supply: +3.3V
16 Lead Ceramic 3x3mm SMT Package: 9mm²
Electrical Specifications, T
A = +25° C, Vcc = 3.3V, GND=ODWN = 0V
Typical Applications
The HMC877LC3 is ideal for:
• Synchronization of clock and data
• Transponder design
• Broadband Test & Measurement
• RF ATE Applications
Parameter
Conditions
Min.
Typ.
Max.
Units
Power Supply Voltage
± %5 Tolerance
3.135
3.3
3.465
V
Power Supply Current
ODWN = 0V
175
190
215
mA
Phase Shift Range
@ 10 GHz
504
Deg
@ 16 GHz
498
Deg
@ 22 GHz
485
Deg
Time Delay Range
@ 10 GHz
1.4
UI
@ 16 GHz
1.38
UI
@ 22 GHz
1.35
UI
Delay Control Modulation Bandwidth
2.5
GHz
Delay Control Voltage (VDCP)
VCC-0.6
VCC+0.6
V
[1] The UI stands for unit interval
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC877LC3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC877LC3 HITTITE-HMC877LC3 Datasheet
936Kb / 12P
BROADBAND TIME DELAY & PHASE SHIFTER SMT, 8 - 23 GHz
HMC877LC3 HITTITE-HMC877LC3 Datasheet
1Mb / 12P
BROADBAND TIME DELAY & PHASE SHIFTER
HMC877LC3 HITTITE-HMC877LC3_12 Datasheet
1Mb / 12P
BROADBAND TIME DELAY & PHASE SHIFTER
More results

Similar Description - HMC877LC3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC877LC3 HITTITE-HMC877LC3 Datasheet
936Kb / 12P
BROADBAND TIME DELAY & PHASE SHIFTER SMT, 8 - 23 GHz
HMC877LC3 HITTITE-HMC877LC3_12 Datasheet
1Mb / 12P
BROADBAND TIME DELAY & PHASE SHIFTER
logo
TDK Electronics
DEA101910DT-6004A1 TDK-DEA101910DT-6004A1 Datasheet
69Kb / 6P
Multilayer Phase Shifter (Delay Line)
DEA101910DT-6005A2 TDK-DEA101910DT-6005A2 Datasheet
69Kb / 6P
Multilayer Phase Shifter (Delay Line)
DEA101910DT-6006B1 TDK-DEA101910DT-6006B1 Datasheet
70Kb / 6P
Multilayer Phase Shifter (Delay Line)
DEA101910DT-6016A1 TDK-DEA101910DT-6016A1 Datasheet
69Kb / 6P
Multilayer Phase Shifter (Delay Line)
DEA101910DT-6017A1 TDK-DEA101910DT-6017A1 Datasheet
70Kb / 6P
Multilayer Phase Shifter (Delay Line)
DEA101910DT-6018A1 TDK-DEA101910DT-6018A1 Datasheet
71Kb / 6P
Multilayer Phase Shifter (Delay Line)
logo
Analog Devices
HMC910LC4B AD-HMC910LC4B Datasheet
1Mb / 10P
BROADBAND ANALOG TIME DELAY
HMC911 AD-HMC911 Datasheet
1Mb / 13P
Broadband Analog Time Delay to 24 GHz
10/2016-Rev. v02.0614 to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com