Electronic Components Datasheet Search
  English  ▼

X  

AD1839AAS Datasheet(PDF) 21 Page - Analog Devices

Part # AD1839AAS
Description  2 ADC, 6 DAC, 96 kHz, 24-Bit Sigma-Delta Codec
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1839AAS Datasheet(HTML) 21 Page - Analog Devices

Back Button AD1839AAS Datasheet HTML 16Page - Analog Devices AD1839AAS Datasheet HTML 17Page - Analog Devices AD1839AAS Datasheet HTML 18Page - Analog Devices AD1839AAS Datasheet HTML 19Page - Analog Devices AD1839AAS Datasheet HTML 20Page - Analog Devices AD1839AAS Datasheet HTML 21Page - Analog Devices AD1839AAS Datasheet HTML 22Page - Analog Devices AD1839AAS Datasheet HTML 23Page - Analog Devices AD1839AAS Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
AD1839A
Rev. B | Page 21 of 24
Table 11. DAC Control 1
Function
Address
R/W
RES
De-emphasis
DAC Data Format
DAC Data-Word Width
Power-Down Reset
Sample Rate
15, 14, 13, 12
11
10
9, 8
7, 6, 5
4, 3
2
1, 0
0000
0
0
00 = None
000 = I2S
00 = 24 Bits
0 = Normal
00 = 8 × (48 kHz)
01 = 44.1 kHz
001 = RJ
01 = 20 Bits
1 = Power-Down
01 = 4 × (96 kHz)
10 = 32.0 kHz
010 = DSP
10 = 16 Bits
10 = 2 × (192 kHz)
11 = 48.0 kHz
011 = LJ
11 = Reserved
11 = 8 × (48 kHz)
100 = Packed 256
101 = Packed128
110 = Reserved
111 = Reserved
Table 12. DAC Control 2
Function
MUTE DAC
Address
R/W
RES
Reserved
Stereo
Replicate
Reserved
Reserved
OUTR3
OUTL3
OUTR2
OUTL2
OUTR1
OUTL1
15, 14,
13, 12
11
10
9
8
7
6
5
4
3
2
1
0
0001
0
0
0
0 = Off
0 = On
0 = On
0 = On
0 = On
0 = On
0 = On
0 = On
0 = On
1 = Replicate
1 = Mute
1 = Mute
1 = Mute
1 = Mute
1 = Mute
1 = Mute
1 = Mute
1 = Mute
Table 13. DAC Volume Control
Function
Address
R/W
RES
DAC Volume
15, 14, 13, 12
11
10
9, 8, 7, 6, 5, 4, 3, 2, 1, 0
0010 = DACL1
0
0
0000000000 = Mute
0011 = DACR1
0000000001 = 1/1023
0100 = DACL2
0000000010 = 2/1023
0101 = DACR2
1111111110 = 1022/1023
0110 = DACL3
1111111111 = 1023/1023
0111 = DACR3
Table 14. ADC Peak
Function
Address
R/W
RES
Six Data Bits
Four Fixed Bits
15, 14, 13, 12
11
10
9, 8, 7, 6, 5, 4
3, 2, 1, 0
1010 = Left ADC
1
0
000000 = 0.0 dBFS
0000
1011 = Right ADC
000001 = –1.0 dBFS
000010 = –2.0 dBFS
These four bits are always 0.
111111 = –63.0 dBFS
Table 15. ADC Control 1
Function
Address
R/W
RES
Reserved
Filter
ADC Power-
Down
Sample Rate
Reserved
15, 14, 13, 12
11
10
9
8
7
6
5, 4, 3, 2, 1, 0
1100
0
0
0
0 = All Pass
0 = Normal
0 = 48 kHz
0, 0, 0, 0, 0, 0
1 = High-Pass
1 = Power-Down
1 = 96 kHz
0, 0, 0, 0, 0, 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com