Electronic Components Datasheet Search
  English  ▼

X  

AD1839AAS Datasheet(PDF) 22 Page - Analog Devices

Part # AD1839AAS
Description  2 ADC, 6 DAC, 96 kHz, 24-Bit Sigma-Delta Codec
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1839AAS Datasheet(HTML) 22 Page - Analog Devices

Back Button AD1839AAS Datasheet HTML 16Page - Analog Devices AD1839AAS Datasheet HTML 17Page - Analog Devices AD1839AAS Datasheet HTML 18Page - Analog Devices AD1839AAS Datasheet HTML 19Page - Analog Devices AD1839AAS Datasheet HTML 20Page - Analog Devices AD1839AAS Datasheet HTML 21Page - Analog Devices AD1839AAS Datasheet HTML 22Page - Analog Devices AD1839AAS Datasheet HTML 23Page - Analog Devices AD1839AAS Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
AD1839A
Rev. B | Page 22 of 24
Table 16. ADC Control 2
Function
ADC MUTE
Address
R/W
RES
Master/Slave Aux Mode
ADC Data Format
ADC Data-
Word Width
AUXDATA
RES
Right
Left
15, 14, 13, 12
11
10
9
8, 7, 6
5, 4
3
2
1
0
1101
0
0
0 = Slave
000 = I2S
00 = 24 Bits
0 = Off
0
0 = On
0 = On
1 = Master
001 = RJ
01 = 20 Bits
1 = On
1 = Mute
1 = Mute
010 = DSP
10 = 16 Bits
011 = LJ
11 = Reserved
100 = Packed 256
101 = Packed 128
110 = Auxiliary 256
111 = Auxiliary 512
Table 17. ADC Control 3
Function
Address
R/W RES
RES
Reserved
IMCLK Clocking Scaling
ADC Peak Readback
DAC Test Mode
ADC Test Mode
15, 14,
13, 12
11
10
9, 8
7, 6
5
4, 3, 2
1, 0
1110
0
0
0, 0
00 = MCLK × 2
0 = Disabled Peak Readback
000 = Normal Mode
00 = Normal Mode
01 = MCLK
1 = Enabled Peak Readback
All Others Reserved
All Others Reserved
10 = MCLK × 2/3
11 = MCLK × 2
CASCADE MODE
Dual AD1839A Cascade
The AD1839A can be cascaded to an additional AD1839A that,
in addition to six external stereo ADCs and two external stereo
DACs, can be used to create a 32-channel audio system with
16 inputs and 16 outputs. The cascade is designed to connect
to a SHARC DSP and operates in a time division multiplexing
(TDM) format. Figure 28 shows the connection diagram for
cascade operation. The digital interface for both parts must be
set to operate in Auxiliary 512 mode by programming ADC
Control Register 2. AD1839A Device 1 is set as the master
device by connecting the M/S pin to DGND; AD1839A
Device 2 is set as a slave device by connecting the M/S to
ODVDD. Both devices should be run from the same MCLK
and PD/RST signals to ensure that they are synchronized. With
Device 1 set as a master, it generates the frame-sync and bit
clock signals. These signals are sent to the SHARC and Device 2,
ensuring that both know when to send and receive data.
The cascade can be thought of as two 256-bit shift registers, one
for each device. At the beginning of a sample interval, the shift
registers contain the ADC results from the previous sample
interval. The first shift register (Device 1) clocks data into the
SHARC and clocks in data from the second shift register
(Device 2). While this is happening, the SHARC is sending DAC
data to the second shift register. By the end of the sample
interval, all 512 bits of ADC data in the shift registers have been
clocked into the SHARC and replaced by DAC data, which is
subsequently written to the DACs. Figure 29 shows the timing
diagram for the cascade operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com