Electronic Components Datasheet Search
  English  ▼

X  

HT46R63 Datasheet(PDF) 20 Page - Holtek Semiconductor Inc

Part # HT46R63
Description  A/D with LCD Type 8-Bit MCU
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R63 Datasheet(HTML) 20 Page - Holtek Semiconductor Inc

Back Button HT46R63 Datasheet HTML 16Page - Holtek Semiconductor Inc HT46R63 Datasheet HTML 17Page - Holtek Semiconductor Inc HT46R63 Datasheet HTML 18Page - Holtek Semiconductor Inc HT46R63 Datasheet HTML 19Page - Holtek Semiconductor Inc HT46R63 Datasheet HTML 20Page - Holtek Semiconductor Inc HT46R63 Datasheet HTML 21Page - Holtek Semiconductor Inc HT46R63 Datasheet HTML 22Page - Holtek Semiconductor Inc HT46R63 Datasheet HTML 23Page - Holtek Semiconductor Inc HT46R63 Datasheet HTML 24Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
HT46R63/HT46C63
Rev. 1.90
20
May 17, 2004
D u r i n g a r e s e t p u l s e
C O M 0 , C O M 1 , C O M 2
A l l L C D d r i v e r o u t p u t s
N o r m a l o p e r a t i o n m o d e
C O M 0
C O M 1
C O M 2
H A L T m o d e ( L C D o f f a t H A L T )
C O M 0 , C O M 1 , C O M 2
A l l L C D d r i v e r o u t p u t s
C O M 3
V 2
V 3
V 1
V 0
V 2
V 3
V 1
V 0
V 2
V 3
V 1
V 0
V 2
V 3
V 1
V 0
V 2
V 3
V 1
V 0
V 2
V 3
V 1
V 0
V 2
V 3
V 1
V 0
V 2
V 3
V 1
V 0
V 2
V 3
V 1
V 0
V 2
V 3
V 1
V 0
V 2
V 3
V 1
V 0
V 2
V 3
V 1
V 0
V 2
V 3
V 1
V 0
V 2
V 3
V 1
V 0
L C D s e g m e n t s o n
C O M 0 , 1 , 2 s i d e s a r e l i g h t e d
L C D s e g m e n t s o n
C O M 0 , 2 s i d e s a r e l i g h t e d
L C D s e g m e n t s o n
C O M 0 , 1 s i d e s a r e l i g h t e d
O n l y L C D s e g m e n t s o n
C O M 2 s i d e s a r e l i g h t e d
O n l y L C D s e g m e n t s o n
C O M 0 s i d e s a r e l i g h t e d
L C D s e g m e n t s o n
C O M 0 , 1 , 2 , 3 s i d e s a r e u n l i g h t e d
LCD Driver Outputs (1/4 Duty, 1/3 Bias)
Note:
If LCD is turned on at HALT mode, the LCD outputs are dependent on LCD display memory.
If LCD is turned off at HALT mode, the power will be V3=V2=V1=V0=VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com