Electronic Components Datasheet Search
  English  ▼

X  

HT46R63 Datasheet(PDF) 23 Page - Holtek Semiconductor Inc

Part # HT46R63
Description  A/D with LCD Type 8-Bit MCU
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R63 Datasheet(HTML) 23 Page - Holtek Semiconductor Inc

Back Button HT46R63 Datasheet HTML 19Page - Holtek Semiconductor Inc HT46R63 Datasheet HTML 20Page - Holtek Semiconductor Inc HT46R63 Datasheet HTML 21Page - Holtek Semiconductor Inc HT46R63 Datasheet HTML 22Page - Holtek Semiconductor Inc HT46R63 Datasheet HTML 23Page - Holtek Semiconductor Inc HT46R63 Datasheet HTML 24Page - Holtek Semiconductor Inc HT46R63 Datasheet HTML 25Page - Holtek Semiconductor Inc HT46R63 Datasheet HTML 26Page - Holtek Semiconductor Inc HT46R63 Datasheet HTML 27Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
HT46R63/HT46C63
Rev. 1.90
23
May 17, 2004
The following two programming examples illustrate how to setup and implement an A/D conversion. In the first exam-
ple, the method of polling the EOCB bit in the ADCR register is used to detect when the conversion cycle is complete,
whereas in the second example, the A/D interrupt is used to determine when the conversion is complete.
Example: using EOCB Polling Method to detect end of conversion
clr INTC0.3
; disable A/D interrupt in interrupt control register
mov a,00100000B
mov ADCR,a
; setup ADCR register to configure Port PB0~PB3 as A/D inputs and select
; AN0 to be connected to the A/D converter
mov a,00000001B
mov ACSR,a
; setup the ACSR register to select fSYS/8 as the A/D clock
Start_conversion:
clr ADCR.7
set ADCR.7
; reset A/D
clr ADCR.7
; start A/D
Polling_EOC:
sz ADCR.6
; poll the ADCR register EOCB bit to detect end of A/D conversion
jmp polling_EOC
; continue polling
mov a,ADR
; read conversion result from the high byte ADR register
mov adr_buffer,a
; save result to user defined register
:
:
jmp start_conversion
; start next A/D conversion
Example: using Interrupt method to detect end of conversion
set INTC0.0
; interrupt global enable
set INTC0.3
; enable A/D interrupt in interrupt control register
mov a,00100000B
mov ADCR,a
; setup ADCR register to configure Port PB0~PB3 as A/D inputs and select
; AN0 to be connected to the A/D converter
mov a,00000001B
mov ACSR,a
; setup the ACSR register to select fSYS/8 as the A/D clock
start_conversion:
clr ADCR.7
set ADCR.7
; reset A/D
clr ADCR.7
; start A/D
:
:
; interrupt service routine
EOC_service routine:
mov a_buffer,a
; save ACC to user defined register
mov a,ADR
; read conversion result from the high byte ADR register
mov adr_buffer,a
; save result to user defined register
clr ADCR.7
set ADCR.7
; reset A/D
clr ADCR.7
; start A/D
mov a,a_buffer
; restore ACC from temporary storage
reti



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com