Electronic Components Datasheet Search
  English  ▼

X  

HT46R63 Datasheet(PDF) 25 Page - Holtek Semiconductor Inc

Part # HT46R63
Description  A/D with LCD Type 8-Bit MCU
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R63 Datasheet(HTML) 25 Page - Holtek Semiconductor Inc

Back Button HT46R63 Datasheet HTML 21Page - Holtek Semiconductor Inc HT46R63 Datasheet HTML 22Page - Holtek Semiconductor Inc HT46R63 Datasheet HTML 23Page - Holtek Semiconductor Inc HT46R63 Datasheet HTML 24Page - Holtek Semiconductor Inc HT46R63 Datasheet HTML 25Page - Holtek Semiconductor Inc HT46R63 Datasheet HTML 26Page - Holtek Semiconductor Inc HT46R63 Datasheet HTML 27Page - Holtek Semiconductor Inc HT46R63 Datasheet HTML 28Page - Holtek Semiconductor Inc HT46R63 Datasheet HTML 29Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
HT46R63/HT46C63
Rev. 1.90
25
May 17, 2004
Options
The following table shows all kinds of options in the microcontroller. All of the options must be defined to ensure proper
system function.
No.
Options
1
PA wake-up enable or disable (1/0) options
2
WDT/LCD/RTC/Time Base Clock Source (fS):
RTCOSC(32768Hz crystal), T1D or WDTOSC (*1)
3
CLR WDT instructions: 1/2
4
WDT enable or disable
5
PA pull-high enable or disable (1 option : 4 bits (0~3/4~7))
6
PB pull-high enable or disable (1 option : 4 bits (0~3/4~7))
7
PC pull-high enable or disable (1 option : 4 bits (0~3/4~7))
8
PD pull-high enable or disable (1 option : 4 bits (0~3/4~7))
9
INT0 or INT1 trigger edge: disable; high to low; low to high; low to high or high to low.
10
COM3 or SEG19 (1/4or1/3 duty)
11
LCD on/off at halt mode
12
enable or disable Comparator
13
enable or disable PWMi function for PDi (bit optional)
14
fS/2
12~f
S/2
15: Time base period
15
SEG7~SEG18 logical or LCD output
(1 option: 4 bits (SEG7~SEG10/SEG11~SEG14/SEG15~SEG18))
16
System oscillators: external RC/ external crystal
17
enable or disable RTCOSC(32.768kHz crystal) or WDTOSC at HALT mode
18
LCD bias current: Low/Middle/High driving current
19
LCD driver clock selection.
There are seven types of frequency signals for the LCD driver circuits: fS/2
2~f
S/2
8, ²fS² stands for the
clock source selection by options.
Note:
²*1² T1D is stopped at HALT; RTCOSC(32.768kHz crystal) and WDT OSC are stopped or non-stopped at
HALT decided by option(18).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com