Electronic Components Datasheet Search
  English  ▼

X  

ICS557-03 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS557-03
Description  PCI-EXPRESS CLOCK SOURCE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS557-03 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS557-03 Datasheet HTML 1Page - Integrated Circuit Systems ICS557-03 Datasheet HTML 2Page - Integrated Circuit Systems ICS557-03 Datasheet HTML 3Page - Integrated Circuit Systems ICS557-03 Datasheet HTML 4Page - Integrated Circuit Systems ICS557-03 Datasheet HTML 5Page - Integrated Circuit Systems ICS557-03 Datasheet HTML 6Page - Integrated Circuit Systems ICS557-03 Datasheet HTML 7Page - Integrated Circuit Systems ICS557-03 Datasheet HTML 8Page - Integrated Circuit Systems ICS557-03 Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PCI-EXPRESS CLOCK SOURCE
MDS 557-03 E
2
Revision 061005
In te gr ated Circuit Systems ● 525 Ra ce Street, San Jose, CA 9512 6 ● tel (4 08) 297-1 201 ● www.icst.com
ICS557-03
Pin Assignment
Output Select Table 1(MHz)
Spread Selection Table 2
Pin Descriptions
1
2
3
X2
4
S1
5
6
CLK0
7
8
CLK0
GNDODA
VDDXD
OE
SS0
16
X1/ICLK
SS1
CLK1
VDDODA
15
14
13
12
11
10
9
16-pin (173 mil) TSSOP
GNDXD
S0
IREF
CLK1
S1
S0
CLK(1:0), CLK(1:0)
00
25M
0
1
100M
1
0
125M
1
1
200M
SS1
SS0
Spread %
0
0
Center ±0.25
01
Down -0.5
1
0
Down -0.75
11
No Spread
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
S0
Input
Select pin 0. See Table1. Internal pull-up resistor.
2
S1
Input
Select pin 1. See Table 1. Internal pull-up resistor.
3
SS0
Input
Spread Select pin 0. See Table 2. Internal pull-up resistor.
4
X1/ICLK
Input
Crystal or clock input. Connect to a 25 MHz crystal or single ended clock.
5
X2
Output
Crystal connection. Leave unconnected for clock input.
6
OE
Input
Output enable tri-states outputs and device is not shut down. Internal
pull-up resistor.
7
GNDXD
Power
Connect to ground.
8
SS1
Input
Spread Select pin 1. See Table 2. Internal pull-up resistor.
9
IREF
Output
Precision resistor attached to this pin is connected to the internal current
reference.
10
CLK1
Output
HCSL compliment clock output.
11
CLK1
Output
HCSL clock output.
12
VDDODA
Power
Connect to voltage supply +3.3 V for output driver and analog circuits
13
GNDODA
Power
Connect to ground.
14
CLK0
Output
HCSL compliment clock output.
15
CLK0
Output
HCSL clock output.
16
VDDXD
Power
Connect to voltage supply +3.3 V for crystal oscillator and digital circuit.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com