Electronic Components Datasheet Search
  English  ▼

X  

ICS557-03 Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS557-03
Description  PCI-EXPRESS CLOCK SOURCE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS557-03 Datasheet(HTML) 7 Page - Integrated Circuit Systems

  ICS557-03 Datasheet HTML 1Page - Integrated Circuit Systems ICS557-03 Datasheet HTML 2Page - Integrated Circuit Systems ICS557-03 Datasheet HTML 3Page - Integrated Circuit Systems ICS557-03 Datasheet HTML 4Page - Integrated Circuit Systems ICS557-03 Datasheet HTML 5Page - Integrated Circuit Systems ICS557-03 Datasheet HTML 6Page - Integrated Circuit Systems ICS557-03 Datasheet HTML 7Page - Integrated Circuit Systems ICS557-03 Datasheet HTML 8Page - Integrated Circuit Systems ICS557-03 Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
PCI-EXPRESS CLOCK SOURCE
MDS 557-03 E
7
Revision 061005
In te gr ated Circuit Systems ● 525 Ra ce Street, San Jose, CA 9512 6 ● tel (4 08) 297-1 201 ● www.icst.com
ICS557-03
AC Electrical Characteristics - CLK0/CLK1, CLK0/CLK1
Unless stated otherwise, VDD=3.3 V ±10%, Ambient Temperature -40 to +85
°C
Note 1: Test setup is RL=50 ohms with 2 pF, Rr = 475Ω (1%).
Note 2: Measurement taken from a single-ended waveform.
Note 3: Measurement taken from a differential waveform.
Note 4: Measured at the crossing point where instantaneous voltages of both CLK and CLK are equal.
Note 5: CLK pins are tri-stated when OE is low asserted. CLK is driven differential when OE is high.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency
25
MHz
Output Frequency
25
200
MHz
Output High Voltage1,2
VOH
Notes 1, 2
660
700
850
mV
Output Low Voltage1,2
VOL
Notes 1, 2
-150
0
mV
Crossing Point
Voltage1,2
Absolute, Notes 1, 2
250
350
550
mV
Crossing Point
Voltage1,2,4
Variation over all edges, Notes 1, 2, 4
140
mV
Jitter, Cycle-to-Cycle1,3
Notes 1, 3
60
ps
Modulation Frequency
Spread spectrum
30
31.5
33
kHz
Rise Time1,2
tOR
From 0.175 V to 0.525 V, Notes 1, 2
175
332
700
ps
Fall Time1,2
tOF
From 0.525 V to 0.175 V, Notes 1, 2
175
344
700
ps
Rise/Fall Time
Variation1,2
Notes 1, 2
125
ps
Skew between outputs
At VDD/2
50
ps
Duty Cycle1,3
Notes 1, 3
45
55
%
Output Enable Time5
All outputs, Note 5
10
us
Output Disable Time5
All outputs, Note 5
10
us
Stabilization Time
tSTABLE From power-up VDD=3.3 V
3.0
ms
Spread Change Time
tSPREAD Settling period after spread change
3.0
ms



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com