Electronic Components Datasheet Search
  English  ▼

X  

ICS557-03 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS557-03
Description  PCI-EXPRESS CLOCK SOURCE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS557-03 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS557-03 Datasheet HTML 1Page - Integrated Circuit Systems ICS557-03 Datasheet HTML 2Page - Integrated Circuit Systems ICS557-03 Datasheet HTML 3Page - Integrated Circuit Systems ICS557-03 Datasheet HTML 4Page - Integrated Circuit Systems ICS557-03 Datasheet HTML 5Page - Integrated Circuit Systems ICS557-03 Datasheet HTML 6Page - Integrated Circuit Systems ICS557-03 Datasheet HTML 7Page - Integrated Circuit Systems ICS557-03 Datasheet HTML 8Page - Integrated Circuit Systems ICS557-03 Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
PCI-EXPRESS CLOCK SOURCE
MDS 557-03 E
3
Revision 061005
In te gr ated Circuit Systems ● 525 Ra ce Street, San Jose, CA 9512 6 ● tel (4 08) 297-1 201 ● www.icst.com
ICS557-03
Applications Information
External Components
A minimum number of external components are
required for proper operation.
Decoupling Capacitors
Decoupling capacitors of 0.01
µF should be connected
between each VDD pin and the ground plane, as close
to the VDD pin as possible. Do not share ground vias
between components. Route power from power source
through the capacitor pad and then into ICS pin.
Crystal
A 25 MHz fundamental mode parallel resonant crystal
should be used. This crystal must have less than 300
ppm of error across temperature in order for the
ICS557-03 to meet PCI Express specifications.
Crystal Capacitors
Crystal capacitors are connected from pins X1 to
ground and X2 to ground to optimize the accuracy of
the output frequency.
CL= Crystal’s load capacitance in pF
Crystal Capacitors (pF) = (CL- 8) * 2
For example, for a crystal with a 16 pF load cap, each
external crystal cap would be 16 pF. (16-8)*2=16.
Current Source (Iref) Reference Resistor - RR
If board target trace impedance (Z) is 50
Ω, then R
R =
475
Ω (1%), providing IREF of 2.32 mA. The output
current (IOH) is equal to 6*IREF.
Output Termination
The PCI-Express differential clock outputs of the
ICS557-03 are open source drivers and require an
external series resistor and a resistor to ground. These
resistor values and their allowable locations are shown
in detail in the PCI-Express Layout Guidelines
section.
The ICS557-03 can also be configured for LVDS
compatible voltage levels. See the LVDS Compatible
Layout Guidelines section.
Output Structures
General PCB Layout Recommendations
For optimum device performance and lowest output
phase noise, the following guidelines should be
observed.
1. Each 0.01µF decoupling capacitor should be
mounted on the component side of the board as close
to the VDD pin as possible.
2. No vias should be used between decoupling
capacitor and VDD pin.
3. The PCB trace to VDD pin should be kept as short
as possible, as should the PCB trace to the ground via.
Distance of the ferrite bead and bulk decoupling from
the device is less critical.
4. An optimum layout is one with all components on the
same side of the board, minimizing vias through other
signal layers (any ferrite beads and bulk decoupling
capacitors can be mounted on the back). Other signal
traces should be routed away from the ICS557-03.This
includes signal traces just underneath the device, or on
layers adjacent to the ground plane layer used by the
device.
R
R 475
6*IREF
=2.3 mA
IREF
See Output Termination
Sections - Pages 3 ~ 5
Ω



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com