Electronic Components Datasheet Search
  English  ▼

X  

RCH8010NP-331M Datasheet(PDF) 1 Page - Sumida Corporation

Part # RCH8010NP-331M
Description  PIN Power Inductor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

RCH8010NP-331M Datasheet(HTML) 1 Page - Sumida Corporation

  RCH8010NP-331M Datasheet HTML 1Page - Sumida Corporation RCH8010NP-331M Datasheet HTML 2Page - Sumida Corporation RCH8010NP-331M Datasheet HTML 3Page - Sumida Corporation RCH8010NP-331M Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
• Ferrite core construction.
• Magnetically unshielded.
• L×W×H:8.3×8.3×10mm Max.
• Product weight: 1.6g(Ref.)
• Moisture Sensitivity Level: 1
Description
• Operating temperature range: -40℃~+100℃ (including coil’s self temperature rise)
• Storage temperature range: -40℃~+100℃
Environmental Data
• Box Packaging
Packaging
• Ideally used in Printers, LCD TV,LED Driver,Copy Machine, Mainboard of the compounding machines etc. as DC-DC
Converter inductors.
Applications
Dimension - [mm]
RCH8010
PIN Power Inductor
Wire Connection
Note: This specification is subject to change without notice. Please contact your nearest sales office for updated information when placing an order.
Page 1 of 4
Ver. 2018-05-16
WWW.SUMIDA.COM


Similar Part No. - RCH8010NP-331M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCH8011 SUMIDA-RCH8011 Datasheet
178Kb / 2P
POWER INDUCTORS
RCH8011 SUMIDA-RCH8011 Datasheet
190Kb / 3P
Power Inductor< PIN Type : RCH Series>
RCH8011B SUMIDA-RCH8011B Datasheet
190Kb / 3P
Power Inductor< PIN Type : RCH Series>
RCH8011BNP-1R0N SUMIDA-RCH8011BNP-1R0N Datasheet
190Kb / 3P
Power Inductor< PIN Type : RCH Series>
RCH8011BNP-2R2N SUMIDA-RCH8011BNP-2R2N Datasheet
190Kb / 3P
Power Inductor< PIN Type : RCH Series>
More results

Similar Description - RCH8010NP-331M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCH-895 SUMIDA-RCH-895_14 Datasheet
352Kb / 8P
PIN Power Inductor
RCH-855 SUMIDA-RCH-855_14 Datasheet
315Kb / 7P
PIN Power Inductor
RCH-664 SUMIDA-RCH-664_14 Datasheet
298Kb / 6P
PIN Power Inductor
RCH4764B SUMIDA-RCH4764B Datasheet
176Kb / 4P
PIN Power Inductor
RCH114 SUMIDA-RCH114_14 Datasheet
280Kb / 7P
PIN Power Inductor
RCR1616 SUMIDA-RCR1616_14 Datasheet
239Kb / 5P
PIN Power Inductor
RCH8011 SUMIDA-RCH8011_14 Datasheet
238Kb / 5P
PIN Power Inductor
RCH109 SUMIDA-RCH109_14 Datasheet
238Kb / 5P
PIN Power Inductor
R58 SUMIDA-R58_14 Datasheet
188Kb / 4P
PIN Power Inductor
RP1315B SUMIDA-RP1315B Datasheet
248Kb / 5P
PIN Power Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com