Electronic Components Datasheet Search
  English  ▼

X  

RCH8010NP-331M Datasheet(PDF) 3 Page - Sumida Corporation

Part # RCH8010NP-331M
Description  PIN Power Inductor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

RCH8010NP-331M Datasheet(HTML) 3 Page - Sumida Corporation

  RCH8010NP-331M Datasheet HTML 1Page - Sumida Corporation RCH8010NP-331M Datasheet HTML 2Page - Sumida Corporation RCH8010NP-331M Datasheet HTML 3Page - Sumida Corporation RCH8010NP-331M Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Saturation Current & Temperature Rise Graph
1. RCH8010NP-100M
L (μH)
△T(℃)
DC(A)
2. RCH8010NP-150M
L (μH)
△T(℃)
DC(A)
3. RCH8010NP-220M
L (μH)
△T(℃)
DC(A)
4. RCH8010NP-330M
L (μH)
△T(℃)
DC(A)
5. RCH8010NP-470M
L (μH)
△T(℃)
DC(A)
6. RCH8010NP-680M
L (μH)
△T(℃)
DC(A)
7. RCH8010NP-101M
L (μH)
△T(℃)
DC(A)
8. RCH8010NP-151M
L (μH)
△T(℃)
DC(A)
9. RCH8010NP-221M
L (μH)
△T(℃)
DC(A)
RCH8010
PIN Power Inductor
Note: This specification is subject to change without notice. Please contact your nearest sales office for updated information when placing an order.
Page 3 of 4
Ver. 2018-05-16
WWW.SUMIDA.COM



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com