Electronic Components Datasheet Search
  English  ▼

X  

RCH8010NP-331M Datasheet(PDF) 2 Page - Sumida Corporation

Part # RCH8010NP-331M
Description  PIN Power Inductor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

RCH8010NP-331M Datasheet(HTML) 2 Page - Sumida Corporation

  RCH8010NP-331M Datasheet HTML 1Page - Sumida Corporation RCH8010NP-331M Datasheet HTML 2Page - Sumida Corporation RCH8010NP-331M Datasheet HTML 3Page - Sumida Corporation RCH8010NP-331M Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics
Inductance
[Within]
(μH) ※1
Temperature
Rise Current
(A) ※3
Saturation Current
at 20℃(A) ※2
D.C.R. at 20℃
max(typ) (mΩ)
Part Number
3.80
RCH8010NP-100M
10.00 ± 20%
39.80
(33.20)
5.60
3.30
RCH8010NP-150M
15.00 ± 20%
48.50
(40.40)
5.00
3.00
RCH8010NP-220M
22.00 ± 20%
60.60
(50.50)
4.00
2.70
RCH8010NP-330M
33.00 ± 20%
77.40
(64.50)
3.30
2.20
RCH8010NP-470M
47.00 ± 20%
111.20
(92.70)
2.80
2.00
RCH8010NP-680M
68.00 ± 20%
141.80
(118.20)
2.40
1.50
RCH8010NP-101M
100 ± 20%
225.60 (188)
2.00
1.30
RCH8010NP-151M
150 ± 20%
319.80
(266.50)
1.60
1.00
RCH8010NP-221M
220 ± 20%
0.47 (0.39)
1.30
0.85
RCH8010NP-331M
330 ± 20%
0.71 (0.59)
1.05
0.72
RCH8010NP-471M
470 ± 20%
0.98 (0.82)
0.89
0.60
RCH8010NP-681M
680 ± 20%
1.38 (1.15)
0.75
0.47
RCH8010NP-102M
1000 ± 20%
2.16 (1.80)
0.62
0.39
RCH8010NP-152M
1500 ± 20%
3.28 (2.73)
0.49
0.30
RCH8010NP-222M
2200 ± 20%
5.24 (4.37)
0.41
0.26
RCH8010NP-332M
3300 ± 20%
8.02 (6.68)
0.33
0.24
RCH8010NP-472M
4700 ± 20%
10.68 (8.90)
0.29
RCH8010
PIN Power Inductor
※1 Measuring frequency at 1kHz 250mV.
※2 Saturation current: This indicates the actual value of D.C. current when the inductance becomes 90% lower than its initial
value.
※3 Temperature rise current: The actual value of D.C. current when the temperature of coil becomes △T=40℃ (Ta=20℃).
Note: This specification is subject to change without notice. Please contact your nearest sales office for updated information when placing an order.
Page 2 of 4
Ver. 2018-05-16
WWW.SUMIDA.COM



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com