Electronic Components Datasheet Search
  English  ▼

X  

MX841 Datasheet(PDF) 4 Page - IXYS Corporation

Part # MX841
Description  White LED Step-Up Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MX841 Datasheet(HTML) 4 Page - IXYS Corporation

  MX841 Datasheet HTML 1Page - IXYS Corporation MX841 Datasheet HTML 2Page - IXYS Corporation MX841 Datasheet HTML 3Page - IXYS Corporation MX841 Datasheet HTML 4Page - IXYS Corporation MX841 Datasheet HTML 5Page - IXYS Corporation MX841 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Preliminary
MX841
4
03/10/05
MX841
IXYS
Functional Description
The MX841 is specifically designed to be
operated from a single cell battery source. The
step-up voltage necessary for the constant
current source to drive up to 5 white LED’s in
series, or multiple strings of white LED’s, is
achieved with minimal external components. (See
Application Schematics on pages 1&4).
Setting the LED Current
The regulated output current is determined by the
selection of the sense Resistor connected from
the ISENSE input to ground, and the maximum user
defined voltage of the CTRL input. The desired
output current, (typically 15mA to 20mA for white
LEDs), is derived using the following formula for
the RSENSE value: RSENSE Ω = (VCTRL X 1/13) / ILED.
Current Regulation / Light Intensity Control
The
ISENSE
voltage
is
fed
into
an
ErrorAmp/Comparator. The user defined Control
Voltage applied at the CTRL input is scaled by a
gain factor of 1/13 and compared to the ISENSE
voltage. If the scaled control voltage is greater
than the ISENSE voltage, the 1.0MHz oscillator
signal driving the N-Channel MOSFET will be
enabled. Once the ISENSE voltage reaches the
scaled CTRL voltage the oscillator signal is
modulated
on
and
off
by
the
ErrorAmp/Comparator to maintain the desired
regulated output current.
Light intensity is controlled by reducing the
voltage at the CTRL input. As the CTRL input
voltage is reduced below the user defined
maximum value, the oscillator signal driving the
N-Channel MOSFET is interrupted by the
ErrorAmp/Comparator. The pulse skip modulating
of the N-Channel MOSFET causes a reduction in
the regulated current equal to the ratio of the
reduced CTRL voltage to the maximum CTRL
voltage.
Sleep Mode
The MX841 goes into sleep mode when the VCTRL
input is less than 100mV. All circuits except VCTRL
detection are shutdown and the supply current
falls to 6uA. Once the VCTRL input rises above
260mV the MX841 resumes normal operation.
Over Voltage Detection
The MX841 will go into a shutdown state to avoid
an over voltage condition if the current path
between the SW output and the RSENSE input is
interrupted. A voltage reference and comparator
circuit evaluates the voltage potential at the OVD
input and shuts down the oscillator and N-
Channel MOSFET if an over voltage condition is
detected. Normal operation is resumed once the
OVD input voltage falls below the reference
voltage, (20V typical).
Drawing No. 17023
www.ixys.net



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com