Electronic Components Datasheet Search
  English  ▼

X  

MX841 Datasheet(PDF) 1 Page - IXYS Corporation

Part # MX841
Description  White LED Step-Up Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MX841 Datasheet(HTML) 1 Page - IXYS Corporation

  MX841 Datasheet HTML 1Page - IXYS Corporation MX841 Datasheet HTML 2Page - IXYS Corporation MX841 Datasheet HTML 3Page - IXYS Corporation MX841 Datasheet HTML 4Page - IXYS Corporation MX841 Datasheet HTML 5Page - IXYS Corporation MX841 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Preliminary
IXYS
MX841
1
03/10/05
Drawing No. 17023
www.ixys.net
MX841
White LED Step-Up Converter
Features:
• 1.1V to 5.5V Input Range
• 2 Amp Peak Switch Current
• High Efficiency > 80%
• 20V Maximum Output with Over-Voltage
Protection
• LED Intensity Control
• 1.0 MHz Fixed Frequency Switching
• 8 Lead SOIC Package
Applications:
• White LED Display Backlighting
-
Low Voltage: Mobile Phones, PDA’s,
MP3 Players, Digital Cameras
-
High Drive Current: Vehicle
Instrumentation Panels
Ordering Information
Part No.
Description
Qty
17000-00TU SOIC-8 Standard Tube
100
17000-00TR SOIC-8 Standard T&R
2500
17043-00TU SOIC-8 Exposed Pad Tube 100
17043-00TR SOIC-8 Exposed Pad T&R
2500
General Description
The MX841 is a fixed frequency, constant current
source step-up DC/DC converter. The output current
is directly regulated making the MX841 ideal for
driving series connected white light emitting diodes
(LED’s) in backlight applications. The MX841
powers up to 3 series white LED’s at 1.1V, and 20
series/parallel white LED’s at 5.0V.
The MX841 features a 1.0MHz switching frequency
to accommodate the use of small capacitors and a
small inductor necessary in size sensitive portable
applications. Light intensity and shutdown are
conveniently controlled by a single analog voltage.
Power efficiency and battery life are extended
through the use of a high voltage, low RDSON N-
channel MOSFET switch.
The MX841 is designed to operate over a
temperature range of -40°C to +85°C, and is
available in an SOIC-8 Package, with or without an
Exposed Pad in Tube or on Tape and Reel.
(Alternate package types available upon request).
Functional Block Diagram
Typical Application
MX841
CTRL
Vbattery
OVD
Isense
CTL/
SLEEP
Rsense
Vboost
Analog
GND
Switch
GND
3
14
5
6
8
7
2
osc
err amp/
comparato
r
sleep de
t
bias gen
VDD
drive
r
Isense
OVD
band gap
+
compar
e
Gnd
Switch
SW
SW
CTL/SLEEP
Analog
Gnd


Similar Part No. - MX841

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MX844 IXYS-MX844 Datasheet
452Kb / 21P
12 BIT, MULTI-CHANNEL POWER & TEMP SENSOR FOR MONITOR & CONTROL SYSTEMS
MX844R IXYS-MX844R Datasheet
452Kb / 21P
12 BIT, MULTI-CHANNEL POWER & TEMP SENSOR FOR MONITOR & CONTROL SYSTEMS
MX844RTR IXYS-MX844RTR Datasheet
452Kb / 21P
12 BIT, MULTI-CHANNEL POWER & TEMP SENSOR FOR MONITOR & CONTROL SYSTEMS
logo
Japan Aviation Electron...
MX84B007PF1 JAE-MX84B007PF1 Datasheet
157Kb / 3P
PHEV/EV Connector Using Low Flammability Material
MX84B007SF1 JAE-MX84B007SF1 Datasheet
180Kb / 3P
PHEV/EV Connector Using Low Flammability Material
More results

Similar Description - MX841

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1521 ANACHIP-AP1521 Datasheet
200Kb / 8P
White LED Step-Up Converter
Rev. 0.1 Apr. 27, 2004
logo
Unisonic Technologies
L1937 UTC-L1937 Datasheet
60Kb / 7P
WHITE LED STEP-UP CONVERTER
L5100 UTC-L5100 Datasheet
121Kb / 7P
WHITE LED STEP-UP CONVERTER
logo
Gamma Microelectronics ...
GM1937 GAMMA-GM1937 Datasheet
133Kb / 9P
WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3029 BCDSEMI-AP3029_09 Datasheet
779Kb / 16P
WHITE LED STEP-UP CONVERTER
logo
Diodes Incorporated
AP5726 DIODES-AP5726_10 Datasheet
299Kb / 17P
WHITE LED STEP-UP CONVERTER
DS31845 Rev. 3 - 2
logo
Unisonic Technologies
L5100 UTC-L5100_10 Datasheet
294Kb / 7P
WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3019A BCDSEMI-AP3019A Datasheet
619Kb / 15P
WHITE LED STEP-UP CONVERTER
AP3036 BCDSEMI-AP3036 Datasheet
484Kb / 14P
WHITE LED STEP-UP CONVERTER
logo
Diodes Incorporated
AP3036B DIODES-AP3036B Datasheet
517Kb / 11P
WHITE LED STEP-UP CONVERTER
Rev 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com