Electronic Components Datasheet Search
  English  ▼

X  

MX841 Datasheet(PDF) 5 Page - IXYS Corporation

Part # MX841
Description  White LED Step-Up Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MX841 Datasheet(HTML) 5 Page - IXYS Corporation

  MX841 Datasheet HTML 1Page - IXYS Corporation MX841 Datasheet HTML 2Page - IXYS Corporation MX841 Datasheet HTML 3Page - IXYS Corporation MX841 Datasheet HTML 4Page - IXYS Corporation MX841 Datasheet HTML 5Page - IXYS Corporation MX841 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MX841
IXYS
Circuit Application Driving 15 White LED’s
MX841
CTRL
Vbattery 3.0V - 5.0V
OVD
Isense
CTL/SLEEP
Rsense
Vboost
1N5817
V
F=0.3V
6.8uH
I
pk=1.7A
20K Ohms
22uF 35V
0.1uF in Parallel
5 Ohms
5 Ohms
5 Ohms
22uF 35V
0.1uF in Parallel
26K Ohms @ 3.0V
57K Ohms @ 5.0V
(Dimming Control)
Analog
GND
Switch
GND
2
14
6
8
5
7
3
IXYS Corporation makes no representations or warranties with respect to the accuracy or completeness of the contents of this
publication and reserves the right to make changes to specifications and product descriptions at any time without notice. Neither
circuit patent licenses nor indemnity are expressed or implied. Except as set forth in IXYS’ Standard Terms and Conditions of Sale,
IXYS Corporation assumes no liability whatsoever, and disclaims any expressed or implied warranty, relating to its products
including, but not limited to, the implied warranty of merchantability, fitness for a particular purpose, or infringement of any
intellectual property right.
Preliminary
MX841
5
03/10/05
Drawing No. 17023
www.ixys.net
8-LEAD SOI



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com