Electronic Components Datasheet Search
  English  ▼

X  

CPC1008N Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC1008N
Description  Single-Pole, Normally Open 4-Pin SOP OptoMOS Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1008N Datasheet(HTML) 1 Page - IXYS Corporation

  CPC1008N Datasheet HTML 1Page - IXYS Corporation CPC1008N Datasheet HTML 2Page - IXYS Corporation CPC1008N Datasheet HTML 3Page - IXYS Corporation CPC1008N Datasheet HTML 4Page - IXYS Corporation CPC1008N Datasheet HTML 5Page - IXYS Corporation CPC1008N Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
CPC1008N
Single-Pole, Normally Open
4-Pin SOP OptoMOS® Relay
www.ixysic.com
DS-CPC1008N-R11
1
Part #
Description
CPC1008N
4-Pin SOP (100/tube)
CPC1008NTR
4-Pin SOP (2000/reel)
Parameter
Rating
Units
Blocking Voltage
100
V
P
Load Current
150
mA
rms / mADC
On-Resistance (max)
8
Applications
Features
Description
Ordering Information
Pin Configuration
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment—Patient/Equipment Isolation
• Security Systems
• Aerospace
• Industrial Controls
• Reed Relay Replacement
• 1500V
rms Input/Output Isolation
• Small 4-Pin SOP Package
• Low Drive Power Requirements
• High Reliability
• Arc-Free With No Snubbing Circuits
• No EMI/RFI Generation
• Halogen-Free
• Tape & Reel Version Available
• Flammability Rating UL 94 V-0
CPC1008N is a miniature, low-voltage, low
on-resistance, single-pole, normally open (1-Form-A)
solid state relay in a 4-Pin SOP package. It uses
IXYS Integrated Circuits Division’s patented, optically
coupled, OptoMOS architecture to provide 1500Vrms
of input/output isolation.
Using IXYS Integrated Circuits Division’s state of the
art double-molded vertical construction packaging,
the CPC1008N is one of the world’s smallest relays.
It is ideal for replacing larger, less-reliable reed and
electromechanical relays.
Approvals
• UL Recognized Component: File E76270
• CSA Certified Component: Certificate 1172007
• EN/IEC 60950-1 Certified Component:
Certificate B 13 12 82667 003
Switching Characteristics
of Normally Open Devices
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
1
2
3
4
+ Control
– Control
Load
Load


Similar Part No. - CPC1008N

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1008N CLARE-CPC1008N Datasheet
188Kb / 6P
4 Pin SOP OptoMOS Relay
CPC1008N CLARE-CPC1008N Datasheet
127Kb / 5P
4-Pin SOP OptoMOS짰 Relay
CPC1008NTR CLARE-CPC1008NTR Datasheet
188Kb / 6P
4 Pin SOP OptoMOS Relay
CPC1008NTR CLARE-CPC1008NTR Datasheet
127Kb / 5P
4-Pin SOP OptoMOS짰 Relay
CPC1008N CLARE-CPC1008N_1 Datasheet
127Kb / 5P
4-Pin SOP OptoMOS짰 Relay
More results

Similar Description - CPC1008N

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC1002N IXYS-CPC1002N Datasheet
171Kb / 6P
60V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1006N IXYS-CPC1006N Datasheet
167Kb / 6P
60V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1017N IXYS-CPC1017N Datasheet
137Kb / 6P
60V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1018N IXYS-CPC1018N Datasheet
169Kb / 6P
60V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1025N IXYS-CPC1025N Datasheet
167Kb / 6P
400V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1030N IXYS-CPC1030N Datasheet
176Kb / 6P
350V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1035N IXYS-CPC1035N Datasheet
136Kb / 6P
350V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1225N IXYS-CPC1225N Datasheet
165Kb / 6P
400V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1230N IXYS-CPC1230N Datasheet
167Kb / 6P
350V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1019N IXYS-CPC1019N Datasheet
173Kb / 6P
60V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com