Electronic Components Datasheet Search
  English  ▼

X  

CPC1008N Datasheet(PDF) 4 Page - IXYS Corporation

Part # CPC1008N
Description  Single-Pole, Normally Open 4-Pin SOP OptoMOS Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1008N Datasheet(HTML) 4 Page - IXYS Corporation

  CPC1008N Datasheet HTML 1Page - IXYS Corporation CPC1008N Datasheet HTML 2Page - IXYS Corporation CPC1008N Datasheet HTML 3Page - IXYS Corporation CPC1008N Datasheet HTML 4Page - IXYS Corporation CPC1008N Datasheet HTML 5Page - IXYS Corporation CPC1008N Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
4
R11
CPC1008N
PERFORMANCE DATA*
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0
2
4
6
8
10
Typical On-Resistance
vs. Temperature
(I
F=2mA, IL=120mA)
Load Voltage (V)
-1.0
-0.5
0.0
0.5
1.0
-200
-150
-100
-50
0
50
100
150
200
Typical Load Current
vs. Load Voltage
(I
F=2mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
100
110
120
130
140
150
160
Maximum Load Current
vs. Temperature
(I
F=5mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
108
110
112
114
116
118
120
Typical Blocking Voltage
vs. Temperature
Temperature (ºC)
-40
-20
0
20
40
60
80
100
Typical Leakage vs. Temperature
(V
L=100V)
0
5
10
15
20
25
Load Voltage (V)
0
2040
6080
100
0
10
20
30
40
50
Output Capacitance
vs. Load Voltage
(I
F=2mA, f=1MHz)
Time (s)
10 s 100 s 1ms 10ms 100ms
1s
10s
100s
0.0
0.2
0.4
0.6
0.8
1.0
Energy Rating Curve
*Unless otherwise noted, data presented in these graphs is typical of device operation at 25ºC.
For guaranteed parameters not indicated in the written specifications, please contact our application department.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com