Electronic Components Datasheet Search
  English  ▼

X  

CPC1008N Datasheet(PDF) 3 Page - IXYS Corporation

Part # CPC1008N
Description  Single-Pole, Normally Open 4-Pin SOP OptoMOS Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1008N Datasheet(HTML) 3 Page - IXYS Corporation

  CPC1008N Datasheet HTML 1Page - IXYS Corporation CPC1008N Datasheet HTML 2Page - IXYS Corporation CPC1008N Datasheet HTML 3Page - IXYS Corporation CPC1008N Datasheet HTML 4Page - IXYS Corporation CPC1008N Datasheet HTML 5Page - IXYS Corporation CPC1008N Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
CPC1008N
www.ixysic.com
3
R11
LED Forward Voltage (V)
1.250
1.255
1.260
1.265
1.270
1.275
0
5
10
15
20
25
Typical LED Forward Voltage Drop
(N=50, I
F=5mA)
Turn-On Time (ms)
0.85
0.90
0.95
1.00
1.05
1.10
1.15
0
5
10
15
20
Typical Turn-On Time
(N=50, I
F=5mA, IL=100mA)
Turn-Off Time (ms)
0.166 0.168 0.170 0.172 0.174 0.176 0.178
0
5
10
15
20
Typical Turn-Off Time
(N=50, I
F=5mA, IL=100mA)
LED Current (mA)
0.38
0.40
0.42
0.45
0.47
0.50
0.53
0
5
10
15
20
Typical I
F for Switch Operation
(N=50, I
L=100mA)
On-Resistance ( )
4.4
4.6
4.8
5.0
5.2
5.4
5.6
0
5
10
15
20
Typical On-Resistance Distribution
(N=50, I
F=2mA, IL=150mA)
Blocking Voltage (V
P)
106
109
112
115
118
121
124
0
5
10
15
20
Typical Blocking Voltage Distribution
(N=50)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.0
0.2
0.4
0.6
0.8
1.0
Typical I
F for Switch Operation
vs. Temperature
(I
L=120mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Typical Turn-On Time
vs. Temperature
I
F=10mA
I
F=5mA
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.0
0.2
0.4
0.6
0.8
1.0
Typical Turn-Off Time
vs. Temperature
I
F=10mA
I
F=5mA
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.0
1.1
1.2
1.3
1.4
1.5
1.6
Typical LED Forward Voltage Drop
vs. Temperature
I
F=50mA
I
F=20mA
I
F=10mA
I
F=5mA
I
F=2mA
LED Current (mA)
0
1020
304050
0.0
0.5
1.0
1.5
2.0
2.5
Typical Turn-On Time
vs. LED Forward Current
LED Current (mA)
0
1020
304050
0.00
0.05
0.10
0.15
0.20
0.25
Typical Turn-Off Time
vs. LED Forward Current
PERFORMANCE DATA*
*Unless otherwise noted, data presented in these graphs is typical of device operation at 25ºC.
For guaranteed parameters not indicated in the written specifications, please contact our application department.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com