Electronic Components Datasheet Search
  English  ▼

X  

CPC1020N Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC1020N
Description  30V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1020N Datasheet(HTML) 1 Page - IXYS Corporation

  CPC1020N Datasheet HTML 1Page - IXYS Corporation CPC1020N Datasheet HTML 2Page - IXYS Corporation CPC1020N Datasheet HTML 3Page - IXYS Corporation CPC1020N Datasheet HTML 4Page - IXYS Corporation CPC1020N Datasheet HTML 5Page - IXYS Corporation CPC1020N Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-CPC1020N-R05
1
CPC1020N
30V Normally-Open Single-Pole
4-Pin SOP OptoMOS® Relay
Part #
Description
CPC1020N
4-Pin SOP (100/tube)
CPC1020NTR
4-Pin SOP (2000/reel)
Parameter
Rating
Units
Blocking Voltage
30
V
P
Load Current
1.2
A
DC
On-Resistance (max)
0.25
Applications
Features
Description
Ordering Information
Pin Configuration
• Sensor Circuitry
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment—Patient/Equipment Isolation
• Aerospace
• Industrial Controls
• 1500V
rms Input/Output Isolation
• Small 4-Pin SOP Package
• Low Drive Power Requirements
• High Reliability
• Arc-Free With No Snubbing Circuits
• No EMI/RFI Generation
• Tape & Reel Version Available
• Flammability Rating UL 94 V-0
The CPC1020N is a 30V, single-pole, normally-open
(1-Form-A) Solid State Relay. The ultra-low
on-resistance, 0.25
, of this relay allows for
high-current operation.
IXYS Integrated Circuits' patented OptoMOS
architecture makes available the optically coupled
technology necessary to activate the output's efficient
MOSFET switches while providing 1500V
rms input
to output isolation. Control of the isolated output is
accomplished by means of the highly efficient infrared
LED at the input.
Approvals
Switching Characteristics
of Normally-Open Devices
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
1
2
3
4
+ Control
– Control
Load
Load
• UL Recognized Component: File E76270
• CSA Certified Component: Certificate 1172007
• EN/IEC 60950-1 Certified Component:
Certificate available on our website


Similar Part No. - CPC1020N

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1020N CLARE-CPC1020N Datasheet
113Kb / 5P
Single Pole OptoMOS짰 Relay
CPC1020NTR CLARE-CPC1020NTR Datasheet
113Kb / 5P
Single Pole OptoMOS짰 Relay
More results

Similar Description - CPC1020N

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC1006N IXYS-CPC1006N Datasheet
167Kb / 6P
60V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1008N IXYS-CPC1008N Datasheet
134Kb / 6P
Single-Pole, Normally Open 4-Pin SOP OptoMOS Relay
CPC1017N IXYS-CPC1017N Datasheet
137Kb / 6P
60V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1018N IXYS-CPC1018N Datasheet
169Kb / 6P
60V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1025N IXYS-CPC1025N Datasheet
167Kb / 6P
400V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1030N IXYS-CPC1030N Datasheet
176Kb / 6P
350V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1035N IXYS-CPC1035N Datasheet
136Kb / 6P
350V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1225N IXYS-CPC1225N Datasheet
165Kb / 6P
400V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1230N IXYS-CPC1230N Datasheet
167Kb / 6P
350V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1019N IXYS-CPC1019N Datasheet
173Kb / 6P
60V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com