Electronic Components Datasheet Search
  English  ▼

X  

CPC1020N Datasheet(PDF) 4 Page - IXYS Corporation

Part # CPC1020N
Description  30V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1020N Datasheet(HTML) 4 Page - IXYS Corporation

  CPC1020N Datasheet HTML 1Page - IXYS Corporation CPC1020N Datasheet HTML 2Page - IXYS Corporation CPC1020N Datasheet HTML 3Page - IXYS Corporation CPC1020N Datasheet HTML 4Page - IXYS Corporation CPC1020N Datasheet HTML 5Page - IXYS Corporation CPC1020N Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
4
R05
CPC1020N
PERFORMANCE DATA*
*Unless otherwise noted, data presented in these graphs is typical of device operation at 25ºC.
For guaranteed parameters not indicated in the written specifications, please contact our application department.
Temperature (ºC)
-40
-20
0
20
40
60
80
100
36.5
37.0
37.5
38.0
38.5
39.0
39.5
40.0
40.5
Typical Blocking Voltage
vs. Temperature
(I
L=1
A)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0
20
40
60
80
100
Typical Leakage Current vs. Temperature
Measured Across Pins 3&4
(I
F=0mA, VL=30V)
Load Voltage (V)
0
5
10
15
20
25
30
40
50
60
70
80
90
100
110
Output Capacitance vs. Load Voltage
(I
F=0mA, f=1MHz)
Time
10 s 100 s 1ms 10ms 100ms
1s
10s
100s
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Energy Rating Curve
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.0
0.25
0.50
0.75
1.00
1.25
1.50
Maximum Load Current
vs. Temperature
(I
F=2mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Typical Turn-On Time vs. Temperature
(I
L=100mA)
I
F=2mA
I
F=5mA
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
Typical Turn-Off Time vs. Temperature
(I
L=100mA)
I
F=2mA
I
F=5mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com