Electronic Components Datasheet Search
  English  ▼

X  

CPC1020N Datasheet(PDF) 3 Page - IXYS Corporation

Part # CPC1020N
Description  30V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1020N Datasheet(HTML) 3 Page - IXYS Corporation

  CPC1020N Datasheet HTML 1Page - IXYS Corporation CPC1020N Datasheet HTML 2Page - IXYS Corporation CPC1020N Datasheet HTML 3Page - IXYS Corporation CPC1020N Datasheet HTML 4Page - IXYS Corporation CPC1020N Datasheet HTML 5Page - IXYS Corporation CPC1020N Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
CPC1020N
www.ixysic.com
3
R05
PERFORMANCE DATA*
*Unless otherwise noted, data presented in these graphs is typical of device operation at 25ºC.
For guaranteed parameters not indicated in the written specifications, please contact our application department.
Blocking Voltage (V
P)
37.8
38.2
38.6
39.0
39.4
0
5
10
15
20
25
Typical Blocking Voltage Distribution
(N=50)
Turn-On Time (ms)
0.35
0.40
0.45
0.50
0.55
0.60
0
5
10
15
20
25
Typical Turn-On Time Distribution
(N=50, I
F=5mA, IL=5mA)
Turn-Off Time (ms)
0.47
0.55
0.63
0.71
0.79
0
5
10
15
20
25
30
Typical Turn-Off Time Distribution
(N=50, I
F=5mA, IL=5mA)
On-Resistance ( )
0.113
0.114
0.115
0.116
0.117
0.118
0
5
10
15
20
Typical On-Resistance Distribution
(N=50, I
F=2mA, IL=1A)
LED Forward Current (mA)
0.093
0.101
0.109
0.117
0.125
0.133
0
5
10
15
20
25
Typical I
F for Switch Operation
(N=50, I
L=100mA)
LED Forward Voltage (V)
1.25
1.26
1.27
1.28
1.29
0
5
10
15
20
25
30
35
Typical LED Forward Voltage Drop
(N=50, I
F=5mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.08
0.10
0.12
0.14
0.16
0.18
0.20
Typical I
F for Switch Operation
vs. Temperature
(I
L=1A)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.0
1.1
1.2
1.3
1.4
1.5
1.6
Typical LED Forward Voltage Drop
vs. Temperature
I
F=2mA
I
F=5mA
I
F=50mA
I
F=20mA
I
F=10mA
Load Voltage (V)
-0.20 -0.15 -0.10 -0.05 0.00 0.05 0.10 0.15 0.20
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
Typical Load Voltage vs. Load Current
(I
F=2mA)
LED Forward Current (mA)
0
1020
304050
0
0.5
1.0
1.5
2.0
2.5
Typical Turn-On Time
vs. LED Forward Current
(I
L=100mA)
LED Forward Current (mA)
0
1020
304050
600
620
640
660
680
700
Typical Turn-Off Time
vs. LED Forward Current
(I
L=100mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.10
0.15
0.20
0.25
0.30
0.35
0.40
Typical On-Resistance vs. Temperature
(I
F=2mA, IL=0.5A)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com