Electronic Components Datasheet Search
  English  ▼

X  

OAA160STR Datasheet(PDF) 2 Page - IXYS Corporation

Part # OAA160STR
Description  250V Dual Normally-Open Single-Pole 8-Pin OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

OAA160STR Datasheet(HTML) 2 Page - IXYS Corporation

  OAA160STR Datasheet HTML 1Page - IXYS Corporation OAA160STR Datasheet HTML 2Page - IXYS Corporation OAA160STR Datasheet HTML 3Page - IXYS Corporation OAA160STR Datasheet HTML 4Page - IXYS Corporation OAA160STR Datasheet HTML 5Page - IXYS Corporation OAA160STR Datasheet HTML 6Page - IXYS Corporation OAA160STR Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
2
R10
OAA160
Absolute Maximum Ratings @ 25ºC
Parameter
Ratings
Units
Blocking Voltage
250
V
P
Reverse Input Voltage
5
V
Input Control Current
50
mA
Peak (10ms)
1
A
Input Power Dissipation 1
150
mW
Total Power Dissipation 2
800
mW
Isolation Voltage, Input to Output
3750
V
rms
Operational Temperature
-40 to +85
°C
Storage Temperature
-40 to +125
°C
1 Derate linearly 1.33 mW / ºC
2 Derate linearly 6.67 mW / ºC
Electrical Characteristics @ 25ºC
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics
Load Current *
AC/DC Configuration, Continuous
-
I
L
-
-
50
mA
rms / mADC
Peak
t=10ms
I
LPK
-
-
±100
mA
P
On-Resistance, AC/DC Configuration
I
F=10mA, IL=50mA
R
ON
-
50
100
Off-State Leakage Current
V
L=250VP
I
LEAK
-
-
0.025
A
Switching Speeds
Turn-On
I
F=10mA, VL=10V
t
on
-
-
125
s
Turn-Off
t
off
-
-
125
Turn-On
I
F=6mA, VL=10V
t
on
-
-
150
Turn-Off
t
off
-
-
150
Output Capacitance
I
F=0mA, VL=50V, f=1MHz
C
OUT
-5
-
pF
Input Characteristics
Input Control Current to Activate
I
L=50mA
I
F
--
6
mA
Input Control Current to Deactivate
-
I
F
0.4
0.7
-
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.5
V
Reverse Input Current
V
R=5V
I
R
--
10
A
Common Characteristics
Capacitance, Input to Output
V
IO=0V, f=1MHz
C
IO
-3
-
pF
*NOTE: If both poles operate simultaneously, then load current must be derated in order not to exceed the package power dissipation value.
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to the
device. Functional operation of the device at conditions beyond
those indicated in the operational sections of this data sheet is
not implied.
Typical values are characteristic of the device at +25°C, and
are the result of engineering evaluations. They are provided for
information purposes only, and are not part of the manufacturing
testing requirements.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com