Electronic Components Datasheet Search
  English  ▼

X  

OAA160STR Datasheet(PDF) 4 Page - IXYS Corporation

Part # OAA160STR
Description  250V Dual Normally-Open Single-Pole 8-Pin OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

OAA160STR Datasheet(HTML) 4 Page - IXYS Corporation

  OAA160STR Datasheet HTML 1Page - IXYS Corporation OAA160STR Datasheet HTML 2Page - IXYS Corporation OAA160STR Datasheet HTML 3Page - IXYS Corporation OAA160STR Datasheet HTML 4Page - IXYS Corporation OAA160STR Datasheet HTML 5Page - IXYS Corporation OAA160STR Datasheet HTML 6Page - IXYS Corporation OAA160STR Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
4
R10
OAA160
*Unless otherwise noted, data presented in these graphs is typical of device operation at 25°C.
For guaranteed parameters not indicated in the written specifications, please contact our application department.
Typical Turn-On Time
vs. Temperature
(I
L=50mADC)
Temperature (ºC)
I
F=10mA
I
F=20mA
-40
1.50
1.25
1.00
0.75
0.50
0.25
0
-20
0
20
40
60
80
100
Typical Turn-Off Time
vs. Temperature
(I
F=10mA, IL=50mADC)
Temperature (ºC)
-40
0.050
0.045
0.040
0.035
0.030
0.025
0.020
0.015
0.010
0.005
0
-20
0
20
40
60
80
100
Typical On-Resistance vs. Temperature
(I
F=10mA, IL=50mADC)
Temperature (ºC)
-40
70
60
50
40
30
20
10
0
-20
0
20
40
60
80
100
Typical I
F for Switch Operation
vs. Temperature
(I
L=50mADC)
Temperature (ºC)
-40
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
-20
0
20
40
60
80
100
Typical I
F for Switch Dropout
vs. Temperature
Temperature (ºC)
-40
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
-20
0
20
40
60
80
100
Typical Load Current
vs. Load Voltage
(I
F=10mA)
Load Voltage (V)
50
40
30
20
10
0
-10
-20
-30
-40
-50
-3
-2
-1
0
1
2
3
Maximum Load Current
vs. Temperature
Temperature (ºC)
100
90
80
70
60
50
40
30
20
10
0
-40
-20
0
20
40
60
80
120
100
I
F=30mA
I
F=20mA
I
F=10mA
Typical Blocking Voltage
vs. Temperature
Temperature (
ºC)
-40
400
395
390
385
380
375
370
365
-20
0
20
40
60
80
100
Typical Leakage vs. Temperature
Measured across Pins 5&6 or 7&8
Temperature (ºC)
-40
0.014
0.012
0.010
0.008
0.006
0.004
0.002
0
-20
0
20
40
60
80
100
Energy Rating Curve
Time
10 s
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
1ms
100 s
100ms
1s
10ms
10s
100s
PERFORMANCE DATA*



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com