Electronic Components Datasheet Search
  English  ▼

X  

OAA160STR Datasheet(PDF) 3 Page - IXYS Corporation

Part # OAA160STR
Description  250V Dual Normally-Open Single-Pole 8-Pin OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

OAA160STR Datasheet(HTML) 3 Page - IXYS Corporation

  OAA160STR Datasheet HTML 1Page - IXYS Corporation OAA160STR Datasheet HTML 2Page - IXYS Corporation OAA160STR Datasheet HTML 3Page - IXYS Corporation OAA160STR Datasheet HTML 4Page - IXYS Corporation OAA160STR Datasheet HTML 5Page - IXYS Corporation OAA160STR Datasheet HTML 6Page - IXYS Corporation OAA160STR Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
OAA160
www.ixysic.com
3
R10
Typical LED Forward Voltage Drop
(N=50, I
F=10mA)
35
30
25
20
15
10
5
0
1.17
1.19
1.21
1.23
1.25
LED Forward Voltage Drop (V)
Typical Turn-On Time
(N=50, I
F=10mA, IL=50mADC)
0.05
0.09
0.13
0.15
0.07
0.11
Turn-On Time (ms)
30
25
20
15
10
5
0
Typical Turn-Off Time
(N=50, I
F=10mA, IL=50mADC)
0.012
0.022
0.032
0.037
0.027
0.017
Turn-Off Time (ms)
25
20
15
10
5
0
Typical I
F for Switch Operation
(N=50, I
L=50mADC)
2.075
2.975
1.625
2.525
3.425
3.875
LED Current (mA)
25
20
15
10
5
0
Typical I
F for Switch Dropout
(N=50, I
L=50mADC)
25
20
15
10
5
0
2.075
2.975
1.625
2.525
3.425
3.875
LED Current (mA)
Typical On-Resistance Distribution
(N=50, I
F=10mA, IL=50mADC)
35
30
25
20
15
10
5
0
42.5
44.5
46.5
47.5
43.5
45.5
On-Resistance ( )
Typical Blocking Voltage Distribution
(N=50)
35
30
25
20
15
10
5
0
367.5
381.5
395.5
402.5
374.5
388.5
Blocking Voltage (V
P)
Typical Turn-Off Time
vs. LED Forward Current
(I
L=50mADC)
LED Forward Current (mA)
0
5
1015202530354045
50
0.040
0.035
0.030
0.025
0.020
0.015
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.0
1.1
1.2
1.3
1.4
1.5
1.6
Typical LED Forward Voltage Drop
vs. Temperature
I
F=50mA
I
F=20mA
I
F=10mA
I
F=5mA
I
F=2mA
Typical Turn-On Time
vs. LED Forward Current
(I
L=50mADC)
LED Forward Current (mA)
0
5
1015202530354045
0.18
0.16
0.14
0.12
0.10
0.08
0.06
0.04
0.02
0
50
PERFORMANCE DATA*
*Unless otherwise noted, data presented in these graphs is typical of device operation at 25°C.
For guaranteed parameters not indicated in the written specifications, please contact our application department.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com