Electronic Components Datasheet Search
  English  ▼

X  

CPC5750U Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC5750U
Description  Single-Channel Voice Band CODEC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5750U Datasheet(HTML) 1 Page - IXYS Corporation

  CPC5750U Datasheet HTML 1Page - IXYS Corporation CPC5750U Datasheet HTML 2Page - IXYS Corporation CPC5750U Datasheet HTML 3Page - IXYS Corporation CPC5750U Datasheet HTML 4Page - IXYS Corporation CPC5750U Datasheet HTML 5Page - IXYS Corporation CPC5750U Datasheet HTML 6Page - IXYS Corporation CPC5750U Datasheet HTML 7Page - IXYS Corporation CPC5750U Datasheet HTML 8Page - IXYS Corporation CPC5750U Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
PRELIMINARY
INTEGRATED CIRCUITS DIVISION
DS-CPC5750-Rev F
PRELIMINARY
1
Features
•
-law and A-law ITU G.711 Companding Codec
• Operates on +3.3V Power
• Differential Analog Signal Paths
• Programmable Transmit and Receive Gain, +/-12dB
in 0.1dB increments
• Transmit Path 60Hz Rejection Filter
• Differential amplifier drives +3.2dBm into 600
• Stable Gain over temperature
• PCM and IOM-2 GCI telecommunication interfaces
• Short and Long Frame Syncs Supported
• Independent Transmit and Receive Programmable
Time Slots
• Accepts PCLK from 512kHz to 8.192MHz
• SPI Serial Interface for control in PCM Mode
• Programmable Power Down Mode, I
DD = 20A
• Analog and Digital Loopback Modes for testing
Description
The CPC5750 is a voice-band CODEC with
pin-selectable PCM or IOM-2 (GCI) digital interfaces.
Clock frequencies for the PCM Mode range from
512kHz to 8.192MHz while the GCI interface allows
clocking at 2.048MHz and 4.096MHz. While the GCI
interface utilizes the integrated data link to read and
write the control registers, a four-wire Serial Peripheral
Interface (SPI) bus provides register access while in
PCM Mode.
The CODEC provides the necessary A/D and D/A
functions with pin-selectable
-law or A-law
companding. A low-noise internal reference is used to
keep signal gains well controlled over supply and
temperature variations. Programmable gain of ±12dB
for both transmit and receive allow the CPC5750 to
accept differential input signals as large as +8dBm,
and to source +3.2dBm differential signals into 600
while operating from a single 3.3V supply.
Ordering Information
CPC5750 Block Diagram
Part
Description
CPC5750U
SSOP-24 Package 50/Tube
CPC5750UTR
SSOP-24 Package 2000/Reel
POR
A
IN+
A
IN-
ADC
V
REF
BAND GAP
BUF
BUF
A
OUT+
A
OUT-
ALB
DAC
DLB
FIR
Filter
Control
Register
SPI
Interface
SCLK
SDI
SDO
µ-law/A-law
Encoder
PCM/IOM-2
Interface
Logic
FS
D
TX
D
RX
PCLK
SFSEL
m-law/A-law
Decoder
+
-
+
-
FIR
Filter
0.22
µF
Noise
Shaper
RST
V
EE
MUTE
CS
VDD
V
DD
CPC5750
Single-Channel
Voice Band CODEC


Similar Part No. - CPC5750U

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC5710N CLARE-CPC5710N Datasheet
304Kb / 9P
Phone Line Monitor (PLM) IC
CPC5710N CLARE-CPC5710N Datasheet
361Kb / 10P
Phone Line Monitor (PLM) IC
logo
IXYS Corporation
CPC5710N IXYS-CPC5710N Datasheet
236Kb / 10P
Excellent common-mode rejection ratio (CMRR)
logo
Clare, Inc.
CPC5710NTR CLARE-CPC5710NTR Datasheet
304Kb / 9P
Phone Line Monitor (PLM) IC
CPC5710NTR CLARE-CPC5710NTR Datasheet
361Kb / 10P
Phone Line Monitor (PLM) IC
More results

Similar Description - CPC5750U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC320AD535C-I TI-TLC320AD535C-I Datasheet
205Kb / 43P
DUAL CHANNEL VOICE/DATA CODEC
logo
Agere Systems
CSP1027 AGERE-CSP1027 Datasheet
937Kb / 64P
CSP1027 Voice Band Codec for Cellular Handset and Modem Applications
logo
Hynix Semiconductor
GM0936TQ HYNIX-GM0936TQ Datasheet
125Kb / 21P
Voice-Band Audio CODEC for CDMA
logo
Zarlink Semiconductor I...
ZL38004 ZARLINK-ZL38004 Datasheet
234Kb / 7P
Dedicated Voice Processor with Dual Channel Codec
logo
Winbond
W681360 WINBOND-W681360 Datasheet
520Kb / 34P
3V SINGLE-CHANNEL 13-BIT LINEAR VOICE-BAND CODEC
logo
CML Microcircuits
FX004 CMLMICRO-FX004 Datasheet
338Kb / 9P
Voice Band Inverter
logo
Texas Instruments
PCM3500 TI1-PCM3500_08 Datasheet
401Kb / 30P
VOICE/MODEM CODEC
PCM3501 TI1-PCM3501_08 Datasheet
384Kb / 28P
VOICE/MODEM CODEC
TLC320AD535C-I TI1-TLC320AD535C-I_16 Datasheet
203Kb / 42P
DUAL CHANNEL VOICE/DATA CODEC
logo
Nuvoton Technology Corp...
W681360 NUVOTON-W681360 Datasheet
758Kb / 34P
3V SINGLE-CHANNEL 13-BIT LINEAR VOICE-BAND CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com