Electronic Components Datasheet Search
  English  ▼

X  

CPC5750U Datasheet(PDF) 4 Page - IXYS Corporation

Part # CPC5750U
Description  Single-Channel Voice Band CODEC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5750U Datasheet(HTML) 4 Page - IXYS Corporation

  CPC5750U Datasheet HTML 1Page - IXYS Corporation CPC5750U Datasheet HTML 2Page - IXYS Corporation CPC5750U Datasheet HTML 3Page - IXYS Corporation CPC5750U Datasheet HTML 4Page - IXYS Corporation CPC5750U Datasheet HTML 5Page - IXYS Corporation CPC5750U Datasheet HTML 6Page - IXYS Corporation CPC5750U Datasheet HTML 7Page - IXYS Corporation CPC5750U Datasheet HTML 8Page - IXYS Corporation CPC5750U Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
PRELIMINARY
INTEGRATED CIRCUITS DIVISION
4
PRELIMINARY
Rev F
CPC5750
1.3 Absolute Maximum Ratings
Unless otherwise noted, Absolute Maximum Ratings are provided over the operational temperature range and all
voltages are referenced to VEE =VSS =0V.
Absolute maximum ratings are stress ratings. Stresses in excess of these ratings can cause permanent damage to the device.
Functional operation of the device at conditions beyond those indicated in the operational sections of this data sheet is not
implied. Exposure to absolute-maximum rated conditions for extended periods of time may affect device reliability.
1.4 Recommended Operating Conditions
1.5 Specifications: General Conditions
Unless otherwise specified:
The characteristics provided in the following tables cover the Operating Ambient Temperature Range -40°C to +85°C;
VCC = VDD = 3.0V to 3.6V, VEE = VSS = 0V.
Additionally, transmission characteristics cover the programmable gain settings; analog input and output
specifications are differential; the test signal and reference signal is 0dBm0 at 1020Hz; and the companding is set to
-law. Signal power given in dBm is referenced to 600 ohms.
NOTE: Characteristics over the transmission gain settings are bounded by the limitations of the companding and the
analog amplifier’s input and output capabilities.
Typical values are for 25°C with nominal supplies and are provided for reference purposes only.
Parameter
Symbol
Min
Max
Units
DC Supply Voltages
Analog Supply
VCC
- 0.4
3.7
V
Digital Supply
VDD
Input Voltage
Analog Pins
VIN
- 0.4
VCC + 0.4
V
Digital Pins
VDD + 0.4
Output Current
Analog Pins
IO
10
mA
Digital Pins
Operational Temperature
TA
- 40
+85
°C
Storage Temperature
TSTG
- 40
+150
°C
Parameter
Symbol
Min
Typical
Max
Units
DC Supply Voltages
Analog Supply
VCC
3.0
3.3
3.6
V
Digital Supply
VDD
Input Voltage
Analog Pins
VIN
0
VCC
V
Digital Pins
VDD
Ambient Temperature
TA
- 40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com