Electronic Components Datasheet Search
  English  ▼

X  

CPC5750U Datasheet(PDF) 24 Page - IXYS Corporation

Part # CPC5750U
Description  Single-Channel Voice Band CODEC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5750U Datasheet(HTML) 24 Page - IXYS Corporation

Back Button CPC5750U Datasheet HTML 20Page - IXYS Corporation CPC5750U Datasheet HTML 21Page - IXYS Corporation CPC5750U Datasheet HTML 22Page - IXYS Corporation CPC5750U Datasheet HTML 23Page - IXYS Corporation CPC5750U Datasheet HTML 24Page - IXYS Corporation CPC5750U Datasheet HTML 25Page - IXYS Corporation CPC5750U Datasheet HTML 26Page - IXYS Corporation CPC5750U Datasheet HTML 27Page - IXYS Corporation CPC5750U Datasheet HTML 28Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
PRELIMINARY
INTEGRATED CIRCUITS DIVISION
24
PRELIMINARY
Rev F
CPC5750
Figure 8 and Figure 9 show the timing relationships between the GCI bus signals used to transmit and receive PCM
data and register data when in the GCI Mode. The single-clock or double-clock mode is detected automatically by the
CPC5750 in GCI Mode.
Table 5:
GCI Interface AC Timing
Figure 8: GCI Interface AC Timing with 1x PCLK
Parameter
Test Condition
Symbol
Min
Typ
Max
Units
FS Period
-
tFP
-125
-
s
FS Jitter
-
tFJ
-
-
±120
ns
PCLK Cycle Time - Single-Clocking Mode
-
tPC
-488
-
PCLK Cycle Time - Double-Clocking Mode
-
tPC
-244
-
PCLK Jitter
-
tPJ
--
±2
PCLK Rise Time
20% to 80%
tPR
--
25
PCLK Fall Time
20% to 80%
tPF
--
25
TX Data Access Valid from PCLK Rising
-
tTXDA
--
20
DTX Tri-State from PCLK Rising
TXZ = 0
tTRIR
--
20
DTX Tri-State from PCLK Falling
TXZ = 1
tTRIF
--
20
FS Setup Time to PCLK Falling
-
tFSU
25
-
-
FS Hold Time from PCLK Falling
-
tFHD
20
-
-
DRX Data Setup Time to PCLK Falling
-
tRXSU
25
-
-
DRX Data Hold Time from PCLK Falling
-
tRXHD
20
-
-
PCLK
FS
D
RX
D
TX
t
FHD
t
FSU
t
PC
t
RXSU
t
RXSU
t
TXDA
t
RXHD
t
TRIF
t
TRIR
t
FP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com