Electronic Components Datasheet Search
  English  ▼

X  

AD5934 Datasheet(PDF) 16 Page - Analog Devices

Part # AD5934
Description  Impedance Converter, Network Analyzer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5934 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5934 Datasheet HTML 12Page - Analog Devices AD5934 Datasheet HTML 13Page - Analog Devices AD5934 Datasheet HTML 14Page - Analog Devices AD5934 Datasheet HTML 15Page - Analog Devices AD5934 Datasheet HTML 16Page - Analog Devices AD5934 Datasheet HTML 17Page - Analog Devices AD5934 Datasheet HTML 18Page - Analog Devices AD5934 Datasheet HTML 19Page - Analog Devices AD5934 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
AD5934
Data Sheet
Rev. E | Page 16 of 31
2-POINT CALIBRATION
Alternatively, it is possible to minimize this error by assuming
that the frequency variation is linear and adjusting the gain
factor with a 2-point calibration. Figure 19 shows an impedance
profile based on a 2-point gain factor calculation.
101.5
98.5
54
66
FREQUENCY (kHz)
101.0
100.5
100.0
99.5
99.0
56
58
60
62
64
VDD = 3.3V
CALIBRATION FREQUENCY = 60kHz
TA = 25°C
MEASURED CALIBRATION IMPEDANCE = 100kΩ
Figure 19. Impedance Profile Using a 2-Point Gain Factor Calculation
2-POINT GAIN FACTOR CALCULATION
This is an example of a 2-point gain factor calculation assuming
the following:
Output excitation voltage = 2 V p-p
Calibration impedance value, ZUNKNOWN= 100.0 kΩ
PGA gain = ×1
Supply voltage = 3.3 V
Current-to-voltage amplifier gain resistor = 100 kΩ
Calibration frequencies = 55 kHz and 65 kHz
Typical values of the gain factor calculated at the two calibration
frequencies read
Gain factor calculated at 55 kHz is 1.031224 × 10−9.
Gain factor calculated at 65 kHz is 1.035682 × 10−9.
Difference in gain factor (ΔGF) is
1.035682 × 10−9 − 1.031224 × 10−9 = 4.458000 × 10−12.
Frequency span of sweep (ΔF) is 10 kHz.
Therefore, the gain factor required at 60 kHz is given by
9
-
10
1.031224
kHz
5
kHz
10
12
-
4.458000E
×
+
×
The required gain factor is 1.033453 × 10−9.
The impedance is calculated as previously described in the
Impedance Calculation section.
GAIN FACTOR SETUP CONFIGURATION
When calculating the gain factor, it is important that the receive
stage is operating in its linear region. This requires careful selection
of the excitation signal range, current-to-voltage gain resistor
and PGA gain. The gain through the system shown in Figure 20
is given by
Output Excitation Voltage Range ×
UNKNOWN
Z
Resistor
Setting
Gain
× PGA Gain
VIN
VDD/2
RFB
ADC
LPF
ZUNKNOWN
VOUT
CURRENT-TO-VOLTAGE
GAIN SETTING RESISTOR
PGA
(×1 OR ×5)
Figure 20. System Voltage Gain
For this example, assume the following system settings:
VDD = 3.3 V
Gain setting resistor = 200 kΩ
ZUNKNOWN = 200 kΩ
PGA setting = ×1
The peak-to-peak voltage presented to the ADC input is 2 V p-p.
However, had the user chosen a PGA gain of ×5, the voltage
would saturate the ADC.
GAIN FACTOR RECALCULATION
The gain factor must be recalculated for a change in any of the
following parameters:
•
Current-to-voltage gain setting resistor
•
Output excitation voltage
•
PGA gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com