Electronic Components Datasheet Search
  English  ▼

X  

AD5934 Datasheet(PDF) 23 Page - Analog Devices

Part # AD5934
Description  Impedance Converter, Network Analyzer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5934 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD5934 Datasheet HTML 19Page - Analog Devices AD5934 Datasheet HTML 20Page - Analog Devices AD5934 Datasheet HTML 21Page - Analog Devices AD5934 Datasheet HTML 22Page - Analog Devices AD5934 Datasheet HTML 23Page - Analog Devices AD5934 Datasheet HTML 24Page - Analog Devices AD5934 Datasheet HTML 25Page - Analog Devices AD5934 Datasheet HTML 26Page - Analog Devices AD5934 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
Data Sheet
AD5934
Rev. E | Page 23 of 31
Valid Real/Imaginary Data
This bit is set when data processing for the current frequency
point is finished, indicating real/imaginary data available for
reading. The bit is reset when a start frequency sweep/increment
frequency/repeat frequency DDS command is issued. In addition,
this bit is reset to 0 when a reset command is issued to the
control register.
Frequency Sweep Complete
This bit is set when data processing for the last frequency point in
the sweep is complete. This bit is reset when a start frequency
sweep command is issued to the control register. This bit is also
reset when a reset command is issued to the control register.
REAL AND IMAGINARY DATA REGISTERS (16 BITS—
REGISTER ADDRESS 0x94, REGISTER
ADDRESS 0x95, REGISTER ADDRESS 0x96,
REGISTER ADDRESS 0x97)
These registers contain a digital representation of the real and
imaginary components of the impedance measured for the
current frequency point. The values are stored in 16-bit, twos
complement format. To convert this number to an actual
impedance value, the magnitude,
)
Imaginary
(Real
2
2 +
, must
be multiplied by an admittance/code number (called a gain
factor) to give the admittance and the result inverted to give the
impedance. The gain factor varies for each ac excitation
voltage/gain combination.
The default value upon reset: these registers are not reset at
power-up or on receipt of a reset command. Note that the data
in these registers is only valid if Bit D1 in the status register is
set, indicating that the processing at the current frequency point
is complete.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com