Electronic Components Datasheet Search
  English  ▼

X  

AD5934 Datasheet(PDF) 20 Page - Analog Devices

Part # AD5934
Description  Impedance Converter, Network Analyzer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5934 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD5934 Datasheet HTML 16Page - Analog Devices AD5934 Datasheet HTML 17Page - Analog Devices AD5934 Datasheet HTML 18Page - Analog Devices AD5934 Datasheet HTML 19Page - Analog Devices AD5934 Datasheet HTML 20Page - Analog Devices AD5934 Datasheet HTML 21Page - Analog Devices AD5934 Datasheet HTML 22Page - Analog Devices AD5934 Datasheet HTML 23Page - Analog Devices AD5934 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
AD5934
Data Sheet
Rev. E | Page 20 of 31
REGISTER MAP
Table 7.
Register Name
Register Address
Bits
Function
Control
0x80
D15 to D8
Read/write
0x81
D7 to D0
Read/write
Start Frequency
0x82
D23 to D16
Read/write
0x83
D15 to D8
Read/write
0x84
D7 to D0
Read/write
Frequency Increment
0x85
D23 to D16
Read/write
0x86
D15 to D8
Read/write
0x87
D7 to D0
Read/write
Number of Increments
0x88
D15 to D8
Read/write
0x89
D7 to D0
Read/write
Number of Settling Time Cycles
0x8A
D15 to D8
Read/write
0x8B
D7 to D0
Read/write
Status
0x8F
D7 to D0
Read only
Real Data
0x94
D15 to D8
Read only
0x95
D7 to D0
Read only
Imaginary Data
0x96
D15 to D8
Read only
0x97
D7 to D0
Read only
CONTROL REGISTER (REGISTER ADDRESS 0x80,
REGISTER ADDRESS 0x81)
The AD5934 contains a 16-bit control register (Register Address
0x80 and Register Address 0x81) that sets the control modes.
The default value of the control register upon reset is as follows:
D15 to D0 is reset to 0xA008 upon power-up.
The four MSBs of the control register are decoded to provide
control functions, such as performing a frequency sweep,
powering down the part, and controlling various other functions
defined in the control register map.
The user can choose to write only to Register Address 0x80 and
to not alter the contents of Register Address 0x81. Note that the
control register should not be written to as part of a block write
command. The control register also allows the user to program
the excitation voltage and set the system clock. A reset command
to the control register does not reset any programmed values
associated with the sweep (that is, start frequency, number of
increments, frequency increment). After a reset command,
an initialize with start frequency command must be issued to
the control register to restart the frequency sweep sequence
(see Figure 24).
Table 8. D10 to D9 Control Register Map
D10
D9
Range No.
Output Voltage Range
0
0
1
2.0 V p-p typical
0
1
3
200 mV p-p typical
1
0
4
400 mV p-p typical
1
1
2
1.0 V p-p typical
Table 9. D11 and D8 to D0 Control Register Map
Bits
Description
D11
No operation
D8
PGA gain; 0 = ×5, 1 = ×1
D7
Reserved; set to 0
D6
Reserved; set to 0
D5
Reserved; set to 0
D4
Reset
D3
Reserved; set to 1
D2
Reserved; set to 0
D1
Reserved; set to 0
D0
Reserved; set to 0
Table 10. D15 to D12 Control Register Map
D15
D14
D13
D12
Description
0
0
0
0
No operation
0
0
0
1
Initialize with start frequency
0
0
1
0
Start frequency sweep
0
0
1
1
Increment frequency
0
1
0
0
Repeat frequency
1
0
0
0
No operation
1
0
0
1
No operation
1
0
1
0
Power-down mode
1
0
1
1
Standby mode
1
1
0
0
No operation
1
1
0
1
No operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com