Electronic Components Datasheet Search
  English  ▼

X  

AD9833 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9833
Description  Programmable Waveform Generator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9833 Datasheet(HTML) 1 Page - Analog Devices

  AD9833 Datasheet HTML 1Page - Analog Devices AD9833 Datasheet HTML 2Page - Analog Devices AD9833 Datasheet HTML 3Page - Analog Devices AD9833 Datasheet HTML 4Page - Analog Devices AD9833 Datasheet HTML 5Page - Analog Devices AD9833 Datasheet HTML 6Page - Analog Devices AD9833 Datasheet HTML 7Page - Analog Devices AD9833 Datasheet HTML 8Page - Analog Devices AD9833 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Low Power, 12.65 mW, 2.3 V to 5.5 V,
Programmable Waveform Generator
Data Sheet
AD9833
Rev. F
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2003–2018 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Digitally programmable frequency and phase
12.65 mW power consumption at 3 V
0 MHz to 12.5 MHz output frequency range
28-bit resolution: 0.1 Hz at 25 MHz reference clock
Sinusoidal, triangular, and square wave outputs
2.3 V to 5.5 V power supply
No external components required
3-wire SPI interface
Extended temperature range: −40°C to +105°C
Power-down option
10-lead MSOP package
Qualified for automotive applications
APPLICATIONS
Frequency stimulus/waveform generation
Liquid and gas flow measurement
Sensory applications: proximity, motion,
and defect detection
Line loss/attenuation
Test and medical equipment
Sweep/clock generators
Time domain reflectometry (TDR) applications
GENERAL DESCRIPTION
The AD9833 is a low power, programmable waveform generator
capable of producing sine, triangular, and square wave outputs.
Waveform generation is required in various types of sensing,
actuation, and time domain reflectometry (TDR) applications.
The output frequency and phase are software programmable,
allowing easy tuning. No external components are needed. The
frequency registers are 28 bits wide: with a 25 MHz clock rate,
resolution of 0.1 Hz can be achieved; with a 1 MHz clock rate,
the AD9833 can be tuned to 0.004 Hz resolution.
The AD9833 is written to via a 3-wire serial interface. This serial
interface operates at clock rates up to 40 MHz and is compatible
with DSP and microcontroller standards. The device operates
with a power supply from 2.3 V to 5.5 V.
The AD9833 has a power-down function (SLEEP). This function
allows sections of the device that are not being used to be powered
down, thus minimizing the current consumption of the part. For
example, the DAC can be powered down when a clock output is
being generated.
The AD9833 is available in a 10-lead MSOP package.
FUNCTIONAL BLOCK DIAGRAM
SERIAL INTERFACE
AND
CONTROL LOGIC
SCLK
SDATA
FSYNC
CONTROL REGISTER
PHASE1 REG
PHASE0 REG
MUX
SIN
ROM
10-BIT DAC
MUX
FREQ0 REG
FREQ1 REG
12
ON-BOARD
REFERENCE
AGND
DGND
VDD
AD9833
PHASE
ACCUMULATOR
(28-BIT)
REGULATOR
CAP/2.5V
2.5V
AVDD/
DVDD
MUX
DIVIDE
BY 2
MSB
MUX
FULL-SCALE
CONTROL
COMP
VOUT
R
200Ω
MCLK
Figure 1.


Similar Part No. - AD9833

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9833 AD-AD9833 Datasheet
210Kb / 18P
2.5 V to 5.5 V, 25 MHz Low Power CMOS Complete DDS
AD9833 AD-AD9833 Datasheet
558Kb / 12P
Evaluation Board User Guide
REV. A
AD9833 AD-AD9833 Datasheet
694Kb / 24P
Low Power, 12.65 mW, 2.3 V to 5.5 V Programmable Waveform Generator
Rev. E
AD9833 AD-AD9833 Datasheet
479Kb / 21P
Low Power, 12.65 mW, 2.3 V to 5.5 V, Programmable Waveform Generator
Rev. G
AD9833BRM AD-AD9833BRM Datasheet
210Kb / 18P
2.5 V to 5.5 V, 25 MHz Low Power CMOS Complete DDS
More results

Similar Description - AD9833

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5930 AD-AD5930 Datasheet
699Kb / 28P
Programmable Frequency Sweep and Output Burst Waveform Generator
REV. 0
AD5932 AD-AD5932 Datasheet
473Kb / 28P
Programmable Frequency Scan Waveform Generator
REV. 0
logo
ASM GmbH
7075 ASM-SENSOR-7075 Datasheet
1Mb / 8P
WAVEFORM GENERATOR
logo
Analog Devices
AD5930 AD-AD5930_15 Datasheet
536Kb / 28P
Programmable Frequency Sweep and Output Burst Waveform Generator
REV. B
AD5932 AD-AD5932_15 Datasheet
433Kb / 28P
Programmable Frequency Scan Waveform Generator
REV. A
logo
Keysight Technologies
M9330A KEYSIGHT-M9330A Datasheet
739Kb / 12P
Arbitrary Waveform Generator
M9331A KEYSIGHT-M9331A Datasheet
747Kb / 12P
Arbitrary Waveform Generator
logo
Analog Devices
AD5930 AD-AD5930_17 Datasheet
567Kb / 28P
Programmable Frequency Sweep and Output Burst Waveform Generator
5/2017-Rev. C to Rev. D
AD5932 AD-AD5932_17 Datasheet
519Kb / 28P
Programmable Frequency Scan Waveform Generator
4/2017-Rev. B to Rev. C
AD9837 AD-AD9837_12 Datasheet
755Kb / 28P
Programmable Waveform Generator
12/12-Rev. 0 to Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com