Electronic Components Datasheet Search
  English  ▼

X  

AD9837 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9837
Description  Programmable Waveform Generator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9837 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9837 Datasheet HTML 7Page - Analog Devices AD9837 Datasheet HTML 8Page - Analog Devices AD9837 Datasheet HTML 9Page - Analog Devices AD9837 Datasheet HTML 10Page - Analog Devices AD9837 Datasheet HTML 11Page - Analog Devices AD9837 Datasheet HTML 12Page - Analog Devices AD9837 Datasheet HTML 13Page - Analog Devices AD9837 Datasheet HTML 14Page - Analog Devices AD9837 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Data Sheet
AD9837
Rev. A | Page 11 of 28
THEORY OF OPERATION
Sine waves are typically thought of in terms of their magnitude
form: a(t) = sin(ωt). However, sine waves are nonlinear and not
easy to generate except through piecewise construction. On the
other hand, the angular information is linear in nature; that is,
the phase angle rotates through a fixed angle for each unit of
time. The angular rate depends on the frequency of the signal
by the traditional rate of ω = 2πf.
MAGNITUDE
PHASE
+1
0
–1
228
0
2π
4π
6π
2π
4π
6π
Figure 18. Sine Wave
Knowing that the phase of a sine wave is linear and given a
reference interval (clock period), the phase rotation for that
period can be determined as follows:
ΔPhase = ωΔt
(1)
Solving for ω,
ω = ΔPhase/Δt = 2πf
(2)
Solving for f and substituting the reference clock frequency for
the reference period (1/fMCLK = Δt),
f = ΔPhase × fMCLK∕2π
(3)
The AD9837 builds the output based on this simple equation. A
simple DDS chip can implement this equation with three major
subcircuits: numerically controlled oscillator (NCO) plus phase
modulator, SIN ROM, and digital-to-analog converter (DAC).
Each subcircuit is described in the Circuit Description section.
The AD9837 provides a sampled signal with its output following
the Nyquist sampling theorem. Specifically, its output spectrum
contains the fundamental plus aliased signals (images) that occur
at multiples of the reference clock frequency and the selected
output frequency. A graphical representation of the sampled
spectrum with aliased images is shown in Figure 19.
The prominence of the aliased images depends on the ratio of
fOUT to MCLK. If the ratio is small, the aliased images are very
prominent and of a relatively high energy level as determined by
the sin(x)/x roll-off of the quantized DAC output. In fact, depend-
ing on the fOUT/reference clock ratio, the first aliased image can
be on the order of −3 dB below the fundamental.
External filtering is required if the aliased image is within the
output band of interest.
SYSTEM CLOCK
fOUT
fC – fOUT
fC + fOUT
2
fC – fOUT
2
fC + fOUT
3
fC – fOUT
3
fC + fOUT
fC
0Hz
FIRST
IMAGE
SECOND
IMAGE
THIRD
IMAGE
FOURTH
IMAGE
FIFTH
IMAGE
SIXTH
IMAGE
2
fC
3
fC
FREQUENCY (Hz)
sin(x)/x ENVELOPE
x = π (
f/fC)
Figure 19. DAC Output Spectrum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com