Electronic Components Datasheet Search
  English  ▼

X  

AD9837 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9837
Description  Programmable Waveform Generator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9837 Datasheet(HTML) 3 Page - Analog Devices

  AD9837 Datasheet HTML 1Page - Analog Devices AD9837 Datasheet HTML 2Page - Analog Devices AD9837 Datasheet HTML 3Page - Analog Devices AD9837 Datasheet HTML 4Page - Analog Devices AD9837 Datasheet HTML 5Page - Analog Devices AD9837 Datasheet HTML 6Page - Analog Devices AD9837 Datasheet HTML 7Page - Analog Devices AD9837 Datasheet HTML 8Page - Analog Devices AD9837 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Data Sheet
AD9837
Rev. A | Page 3 of 28
SPECIFICATIONS
VDD = 2.3 V to 5.5 V, AGND = DGND = 0 V, TA = TMIN to TMAX, unless otherwise noted.
Table 1.
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
SIGNAL DAC SPECIFICATIONS
Resolution
10
Bits
Update Rate
A Grade
5
MSPS
B Grade
16
MSPS
VOUT Maximum
0.645
V
VOUT Minimum
37
mV
Vp-p
0.610
V
VOUT TC
200
ppm/°C
DC Accuracy
Integral Nonlinearity (INL)
±1.0
LSB
Differential Nonlinearity (DNL)
±0.5
LSB
DDS SPECIFICATIONS
Dynamic Specifications
Signal-to-Noise Ratio (SNR)
A Grade
−64
dB
fMCLK = 5 MHz, fOUT = fMCLK/4096
B Grade
−64
dB
fMCLK = 16 MHz, fOUT = fMCLK/4096
Total Harmonic Distortion (THD)
A Grade
−68
dBc
fMCLK = 5 MHz, fOUT = fMCLK/4096
B Grade
−68
dBc
fMCLK = 16 MHz, fOUT = fMCLK/4096
Spurious-Free Dynamic Range (SFDR)
Wideband (0 to Nyquist)
A Grade
−65
dBc
fMCLK = 5 MHz, fOUT = fMCLK/50
B Grade
−65
dBc
fMCLK = 16 MHz, fOUT = fMCLK/50
Narrow-Band (±200 kHz)
A Grade
−94
dBc
fMCLK = 5 MHz, fOUT = fMCLK/50
B Grade
−97
dBc
fMCLK = 16 MHz, fOUT = fMCLK/50
Clock Feedthrough
−67
dBc
Wake-Up Time
1
ms
LOGIC INPUTS
Input High Voltage, VINH
1.7
V
2.3 V to 2.7 V power supply
2.0
V
2.7 V to 3.6 V power supply
2.8
V
4.5 V to 5.5 V power supply
Input Low Voltage, VINL
0.5
V
2.3 V to 2.7 V power supply
0.7
V
2.7 V to 3.6 V power supply
0.8
V
4.5 V to 5.5 V power supply
Input Current, IINH/IINL
10
µA
Input Capacitance, CIN
3
pF
POWER SUPPLIES
fMCLK = 16 MHz, fOUT = fMCLK/4096
VDD
2.3
5.5
V
IDD
A Grade
3.7
5.0
mA
IDD code dependent; see Figure 6
B Grade
4.5
5.5
mA
IDD code dependent; see Figure 7
Low Power Sleep Mode
0.5
0.8
mA
DAC powered down (SLEEP1 and
SLEEP12 bits = 11; see Table 15)
1
Operating temperature range is −40°C to +125°C; typical specifications are at 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com