Electronic Components Datasheet Search
  English  ▼

X  

ADF4155BCPZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADF4155BCPZ
Description  Integer-N/Fractional-N PLL Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4155BCPZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADF4155BCPZ Datasheet HTML 6Page - Analog Devices ADF4155BCPZ Datasheet HTML 7Page - Analog Devices ADF4155BCPZ Datasheet HTML 8Page - Analog Devices ADF4155BCPZ Datasheet HTML 9Page - Analog Devices ADF4155BCPZ Datasheet HTML 10Page - Analog Devices ADF4155BCPZ Datasheet HTML 11Page - Analog Devices ADF4155BCPZ Datasheet HTML 12Page - Analog Devices ADF4155BCPZ Datasheet HTML 13Page - Analog Devices ADF4155BCPZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
ADF4155
Data Sheet
Figure 10. PFD and Reference Spur Level vs. Carrier Frequency
Measured at VCO Output, fPFD = 61.44 MHz, REFIN+/REFIN− = 122.88 MHz
Figure 11. PFD Spur Level vs. Carrier Frequency Measured at RF Output,
REFIN+/REFIN− = 122.88 MHz (Note the improvement in the PFD spurs when
the PFD frequency is lower.)
Figure 12. Reference Spur Level vs. Carrier Frequency Measured at RF Output,
REFIN+/REFIN− = 122.88 MHz (Note the improvement in the PFD spurs when
the PFD frequency is lowered.)
Figure 13. PLL Lock Time with Cycle Sleep Reduction (CSR) On/Off,
Locking over 50 MHz Range (Jump from 3.648 GHz to 3.6 GHz),
fPFD = 61.44 MHz, Loop Bandwidth = 15 kHz, ICP = 0.31 mA
Figure 14. Integer-N Phase Noise and Spur Performance;
VCOOUT = 5775.36 MHz, REFIN+/REFIN− = 122.88 MHz,
fPFD = 61.44 MHz, Loop Filter Bandwidth= 60 kHz
Figure 15. Fractional-N Phase Noise and Spur Performance,
VCOOUT = 5800 MHz, REFIN+/REFIN− = 122.88 MHz,
fPFD = 61.44 MHz, Loop Filter Bandwidth = 60 kHz
–140
–120
–100
–80
–60
–40
–20
0
1550
2050
2550
3050
3550
4050
CARRIER FREQUENCY (MHz)
PFD SPUR
REFERENCE SPUR
–140
–120
–100
–80
–60
–40
–20
0
1200
1700
2200
2700
3200
3700
4200
CARRIER FREQUENCY (MHz)
PFD SPUR (PFD = 61.44MHz)
PFD SPUR (PFD = 30.72MHz)
PFD SPUR (PFD = 15.36MHz)
–140
–120
–100
–80
–60
–40
–20
0
1200
1700
2200
2700
3200
3700
4200
CARRIER FREQUENCY (MHz)
REFERENCE SPUR (PFD = 61.44MHz)
REFERENCE SPUR (PFD = 30.72MHz)
REFERENCE SPUR (PFD = 15.36MHz)
3.58
3.59
3.60
3.61
3.62
3.63
3.64
3.65
3.66
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
TIME (ms)
CSR ENABLED
CSR DISABLED
–160
–150
–140
–130
–120
–110
–100
–90
–80
1k
10k
100k
1M
10M
FREQUENCY OFFSET (Hz)
–160
–150
–140
–130
–120
–110
–100
–90
–80
1k
10k
100k
1M
10M
FREQUENCY OFFSET (Hz)
Rev. 0 | Page 10 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com