Electronic Components Datasheet Search
  English  ▼

X  

ADF4155BCPZ Datasheet(PDF) 19 Page - Analog Devices

Part # ADF4155BCPZ
Description  Integer-N/Fractional-N PLL Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4155BCPZ Datasheet(HTML) 19 Page - Analog Devices

Back Button ADF4155BCPZ Datasheet HTML 15Page - Analog Devices ADF4155BCPZ Datasheet HTML 16Page - Analog Devices ADF4155BCPZ Datasheet HTML 17Page - Analog Devices ADF4155BCPZ Datasheet HTML 18Page - Analog Devices ADF4155BCPZ Datasheet HTML 19Page - Analog Devices ADF4155BCPZ Datasheet HTML 20Page - Analog Devices ADF4155BCPZ Datasheet HTML 21Page - Analog Devices ADF4155BCPZ Datasheet HTML 22Page - Analog Devices ADF4155BCPZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
Data Sheet
ADF4155
REGISTER 2
Register 2 Control Bits
With Bits[C4:C1] set to 0010, Register 2 is programmed. Figure 26
shows the input data format for programming this register.
14-Bit Auxiliary Modulus Value (MOD2)
The 14 MOD2 bits [DB17:DB4] set the auxiliary fractional
modulus. The auxiliary fractional modulus is used to correct
any residual error due to the main fractional modulus. For more
information, see the RF Synthesizer—A Worked Example section.
REGISTER 3
Register 3 Control Bits
With Bits[C4:C1] set to 0011, Register 3 is programmed. Figure 27
shows the input data format for programming this register.
14-Bit Auxiliary Fractional Value (FRAC2)
The auxiliary fractional value bits [DB17:DB4] control the
auxiliary fractional word. The word must be less than the
MOD2 value programmed in Register 2.
Figure 26. Register 2 (R2)
Figure 27. Register 3 (R3)
M14
M13
..........
M2
M1
AUXILIARY MODULUS VALUE (MOD2)
0
0
..........
0
0
0
0
0
..........
0
1
1
0
0
..........
1
0
2
0
0
..........
1
1
3
.
.
..........
.
.
.
.
.
..........
.
.
.
.
.
..........
.
.
.
1
1
..........
0
0
16380
1
1
..........
0
1
16381
1
1
..........
1
0
16382
1
1
.........
1
1
16383
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
0
0
0
0
RESERVED
14-BIT AUXILIARY MODULUS VALUE (MOD2)
CONTROL BITS
0
0
0
0
0
0
M14
M13
M12
M11
M10
M9
M8
M7
M6
M5
M4
M3
M2
M1
C3(0) C2(1) C1(0)
C4(0)
0
0
0
DBR 1
1 DBR = DOUBLE BUFFERED REGISTER—BUFFERED BY THE WRITE TO REGISTER 0.
P14
P13
..........
P2
P1
AUXILIARY FRACTIONAL VALUE (FRAC2)
0
0
..........
0
0
0
0
0
..........
0
1
1
0
0
..........
1
0
2
0
0
..........
1
1
3
.
.
..........
.
.
.
.
.
..........
.
.
.
.
.
..........
.
.
.
1
1
..........
0
0
16380
1
1
..........
0
1
16381
1
1
..........
1
0
16382
1
1
.........
1
1
16383
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
0
0
0
0
14-BIT AUXILIARY FRACTIONAL WORD (FRAC2)
CONTROL BITS
0
0
0
0
0
0
P14
P13
P12
P11
P10
P9
P8
P7
P6
P5
P4
P3
P2
P1
C3(0) C2(1) C1(1)
C4(0)
1
0
0
DBR 1
1
DBR = DOUBLE BUFFERED REGISTER—BUFFERED BY THE WRITE TO REGISTER 0.
RESERVED
Rev. 0 | Page 19 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com