Electronic Components Datasheet Search
  English  ▼

X  

ADF4155BCPZ Datasheet(PDF) 24 Page - Analog Devices

Part # ADF4155BCPZ
Description  Integer-N/Fractional-N PLL Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4155BCPZ Datasheet(HTML) 24 Page - Analog Devices

Back Button ADF4155BCPZ Datasheet HTML 20Page - Analog Devices ADF4155BCPZ Datasheet HTML 21Page - Analog Devices ADF4155BCPZ Datasheet HTML 22Page - Analog Devices ADF4155BCPZ Datasheet HTML 23Page - Analog Devices ADF4155BCPZ Datasheet HTML 24Page - Analog Devices ADF4155BCPZ Datasheet HTML 25Page - Analog Devices ADF4155BCPZ Datasheet HTML 26Page - Analog Devices ADF4155BCPZ Datasheet HTML 27Page - Analog Devices ADF4155BCPZ Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
ADF4155
Data Sheet
REGISTER 7
Register 7 Control Bits
With Bits[C4:C1] set to 0111, Register 7 is programmed. Figure 31
shows the input data format for programming this register.
Lock Detect Cycle Count
Bits[DB9:DB8] set the number of consecutive cycles counted by
the lock detect circuitry before asserting the lock detect high.
See Figure 31 for more details.
Loss of Lock (LOL) Mode
Use this function if the application is a fixed frequency
application in which the reference (REFIN+/REFIN−) is likely to
be removed, such as a clocking application. The standard lock
detect circuit assumes that the reference is always present. This
functionality is enabled by setting DB7 to 1.
Lock Detect (LD) Mode
If DB4 is set to 0, each reference cycle is 5 ns long, which is
appropriate for fractional-N mode. If DB4 is set to 1, each
reference cycle is 2.4 ns long, which is more appropriate for
integer-N mode. The lock detect signal goes high after the proper
number of reference cycles, programmed by bits of the lock detect
count field (Bits[DB9:DB8]), occurs.
Figure 31. Register 7 (R7)
RESERVED
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
0
0
0
0
CONTROL BITS
0
0
0
0
0
0
0
0
0
0
0
0
0
0
LD5
LD4 LOL
1
1
LD1
C3(1) C2(1) C1(1)
C4(0)
0
0
0
LD4
LOCK DETECT
CYCLE COUNT
LD5
0
0
1
1
0
1
0
1
2048 UP/DOWN
4096 UP/DOWN
8192 UP/DOWN
16384 UP/DOWN
COUNT
LD1
LOCK DETECT
MODE
0
FRACTIONAL-N (5 ns)
1
INTEGER-N (2.4 ns)
LOL
LOSS OF LOCK
MODE
0
DISABLED
1
ENABLED
LOCK
DETECT
CYCLE
Rev. 0 | Page 24 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com