Electronic Components Datasheet Search
  English  ▼

X  

ADF5356 Datasheet(PDF) 7 Page - Analog Devices

Part # ADF5356
Description  Microwave Wideband Synthesizer
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5356 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADF5356 Datasheet HTML 3Page - Analog Devices ADF5356 Datasheet HTML 4Page - Analog Devices ADF5356 Datasheet HTML 5Page - Analog Devices ADF5356 Datasheet HTML 6Page - Analog Devices ADF5356 Datasheet HTML 7Page - Analog Devices ADF5356 Datasheet HTML 8Page - Analog Devices ADF5356 Datasheet HTML 9Page - Analog Devices ADF5356 Datasheet HTML 10Page - Analog Devices ADF5356 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
Data Sheet
ADF5356
Rev. 0 | Page 7 of 38
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
VRF, DVDD, AVDD to GND1
−0.3 V to +3.6 V
AVDD to DVDD
−0.3 V to +0.3 V
VP, VVCO to GND1
−0.3 V to +5.8 V
CPOUT to GND1
−0.3 V to VP + 0.3 V
Digital Input/Output Voltage to GND1
−0.3 V to DVDD + 0.3 V
Analog Input/Output Voltage to GND1
−0.3 V to AVDD + 0.3 V
REFINA, REFINB to GND1
−0.3 V to AVDD + 0.3 V
REFINA to REFINB
±2.1 V
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +125°C
Maximum Junction Temperature
150°C
Reflow Soldering
Peak Temperature
260°C
Time at Peak Temperature
40 sec
Electrostatic Discharge (ESD)
Charged Device Model
500 V
Human Body Model
2000 V
1 GND = AGND = SDGND = AGNDRF = AGNDVCO = CPGND = 0 V.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
The ADF5356 is a high performance RF integrated circuit with
an ESD rating of 2 kV and is ESD sensitive. Take proper
precautions for handling and assembly.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required. θJA is the natural convection
junction to ambient thermal resistance measured in a one cubic
foot sealed enclosure.
Table 4. Thermal Resistance
Package Type
θJA
Unit
CP-32-121
27.3
°C/W
1 Thermal impedance simulated values are based on use of a PCB with the
thermal impedance pad soldered to GND (GND = AGND = SDGND = AGNDRF =
AGNDVCO = CPGND = 0 V).
TRANSISTOR COUNT
The transistor count for the ADF5356 is 134,486 (CMOS) and
3874 (bipolar).
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com