Electronic Components Datasheet Search
  English  ▼

X  

ADF5356 Datasheet(PDF) 11 Page - Analog Devices

Part # ADF5356
Description  Microwave Wideband Synthesizer
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5356 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADF5356 Datasheet HTML 7Page - Analog Devices ADF5356 Datasheet HTML 8Page - Analog Devices ADF5356 Datasheet HTML 9Page - Analog Devices ADF5356 Datasheet HTML 10Page - Analog Devices ADF5356 Datasheet HTML 11Page - Analog Devices ADF5356 Datasheet HTML 12Page - Analog Devices ADF5356 Datasheet HTML 13Page - Analog Devices ADF5356 Datasheet HTML 14Page - Analog Devices ADF5356 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
Data Sheet
ADF5356
Rev. 0 | Page 11 of 38
Figure 10. Closed-Loop Phase Noise, RFOUTA+, Fundamental VCO and
Divide by 2, VCO = 3.4 GHz, fPFD = 61.44 MHz, Loop Bandwidth = 10 kHz
Figure 11. Closed-Loop Phase Noise, RFOUTA+, Fundamental VCO and
Divide by 2, VCO = 5.0 GHz, fPFD = 61.44 MHz, Loop Bandwidth = 10 kHz
Figure 12 Closed-Loop Phase Noise, RFOUTA+, Fundamental VCO and
Divide by 2, VCO = 6.8 GHz, fPFD = 61.44 MHz, Loop Bandwidth = 10 kHz
Figure 13. Closed-Loop Phase Noise, RFOUTB = 6.8 GHz, 2× VCO,
VCO = 3.4 GHz, fPFD = 61.44 MHz, Loop Bandwidth = 10 kHz,
Figure 14. Closed-Loop Phase Noise, RFOUTB = 10 GHz, 2× VCO,
VCO = 5.0 GHz, fPFD = 61.44 MHz, Loop Bandwidth = 10 kHz
Figure 15. Closed-Loop Phase Noise, RFOUTB = 13.6 GHz, 2× VCO,
VCO = 6.8 GHz, fPFD = 61.44 MHz, Loop Bandwidth = 10 kHz
–180
–160
–140
–120
–100
–80
–60
1k
10k
100k
1M
10M
100M
FREQUENCY OFFSET FROM CARRIER (Hz)
DIV1
DIV2
–180
–160
–140
–120
–100
–80
–60
1k
10k
100k
1M
10M
100M
FREQUENCY OFFSET FROM CARRIER (Hz)
DIV1
DIV2
–180
–160
–140
–120
–100
–80
–60
1k
10k
100k
1M
10M
100M
FREQUENCY OFFSET FROM CARRIER (Hz)
DIV1
DIV2
–180
–160
–140
–120
–100
–80
–60
1k
10k
100k
1M
10M
100M
FREQUENCY OFFSET FROM CARRIER (Hz)
–180
–160
–140
–120
–100
–80
–60
1k
10k
100k
1M
10M
100M
FREQUENCY OFFSET FROM CARRIER (Hz)
–160
–140
–120
–100
–80
–60
–150
–130
–110
–90
–70
1k
10k
100k
1M
10M
100M
FREQUENCY OFFSET FROM CARRIER (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com