Electronic Components Datasheet Search
  English  ▼

X  

ADF5356 Datasheet(PDF) 13 Page - Analog Devices

Part # ADF5356
Description  Microwave Wideband Synthesizer
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5356 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADF5356 Datasheet HTML 9Page - Analog Devices ADF5356 Datasheet HTML 10Page - Analog Devices ADF5356 Datasheet HTML 11Page - Analog Devices ADF5356 Datasheet HTML 12Page - Analog Devices ADF5356 Datasheet HTML 13Page - Analog Devices ADF5356 Datasheet HTML 14Page - Analog Devices ADF5356 Datasheet HTML 15Page - Analog Devices ADF5356 Datasheet HTML 16Page - Analog Devices ADF5356 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
Data Sheet
ADF5356
Rev. 0 | Page 13 of 38
Figure 22. RMS Jitter/Noise vs. Output Frequency,
PFD Frequency = 61.44 MHz, Loop Filter = 40 kHz
Figure 23. Worst Case PFD/Reference Spur vs. Output Frequency
(RFOUTA+/RFOUTA−), fPFD = 30.72 MHz, 61.44 MHz, and 122.88 MHz,
Loop Filter = 3 kHz
Figure 24. Worst Case PFD/Reference Spur vs. Output Frequency (RFOUTB),
fPFD = 30.72 MHz, 61.44 MHz, and 122.88 MHz, Loop Filter = 3 kHz
Figure 25. Fractional-N Spur Performance, GSM1800 Band, RFOUTA+ =
1550.2 MHz, fREFIN = 122.88 MHz, fPFD = 61.44 MHz, Output Divide by 4
Selected, Loop Filter Bandwidth = 10 kHz, Channel Spacing = 20 kHz
250
0
50
100
150
200
0
1000
2000
3000
4000
5000
6000
7000
OUTPUT FREQUENCY (MHz)
1kHz TO 20MHz
12kHz TO 20MHz
–40
–110
–100
–90
–80
–70
–60
–50
0
1000
2000
3000
4000
5000
6000
7000
OUTPUT FREQUENCY (MHz)
PFD = 122.88MHz
PFD = 61.44MHz
PFD = 30.72MHz
–40
–110
–100
–90
–80
–70
–60
–50
OUTPUT FREQUENCY (MHz)
PFD = 122.88MHz
PFD = 61.44MHz
PFD = 30.72MHz
–60
–180
–160
–140
–120
–100
–80
1k
100M
10M
1M
100k
10k
FREQUENCY (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com